Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCSMA-MM-LL142-12 Datasheet(PDF) 5 Page - CRYSTEK CORPORATION

Part # CCSMA-MM-LL142-12
Description  LL142 50 Ohm 18GHz Low Loss Coaxial Cables
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CCSMA-MM-LL142-12 Datasheet(HTML) 5 Page - CRYSTEK CORPORATION

  CCSMA-MM-LL142-12 Datasheet HTML 1Page - CRYSTEK CORPORATION CCSMA-MM-LL142-12 Datasheet HTML 2Page - CRYSTEK CORPORATION CCSMA-MM-LL142-12 Datasheet HTML 3Page - CRYSTEK CORPORATION CCSMA-MM-LL142-12 Datasheet HTML 4Page - CRYSTEK CORPORATION CCSMA-MM-LL142-12 Datasheet HTML 5Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
18GHz Low Loss RF
Coax CabLe assembLies
witH stainLess steeL
ConneCtoRs
Rev.: D
Date: 02-16-10
Cable Loss (S21)
-1.6
-1.4
-1.2
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
Frequency (GHz)
Cable VSWR (1:)
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
Frequency (GHz)
Actual Data Plot PN: CCSMA-MM-LL142-48
Actual Data Plot PN: CCSMA-MM-LL142-48


Similar Part No. - CCSMA-MM-LL142-12

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CCSMA-MM-LL335-36 CRYSTEKMICROWAVE-CCSMA-MM-LL335-36 Datasheet
1Mb / 2P
LL335 50 Ohm 18 GHz Low Loss Coaxial Cables
CCSMA-MM-LL335-48 CRYSTEKMICROWAVE-CCSMA-MM-LL335-48 Datasheet
1Mb / 2P
LL335 50 Ohm 18 GHz Low Loss Coaxial Cables
CCSMA-MM-LL335-60 CRYSTEKMICROWAVE-CCSMA-MM-LL335-60 Datasheet
1Mb / 2P
LL335 50 Ohm 18 GHz Low Loss Coaxial Cables
More results

Similar Description - CCSMA-MM-LL142-12

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CCK40-MM-160-30 CRYSTEKMICROWAVE-CCK40-MM-160-30 Datasheet
451Kb / 2P
40GHz Low Loss Coaxial Cables
CCSMA-MM-SS402-6 CRYSTEKMICROWAVE-CCSMA-MM-SS402-6 Datasheet
360Kb / 1P
SS402 50 Ohm 18GHz Precision Coaxial Cables
CCASMA-MM-LL142-24 CRYSTEKMICROWAVE-CCASMA-MM-LL142-24 Datasheet
563Kb / 4P
Armored 50 Ohm 18GHz Low Loss Coaxial Cables
logo
Crystek Corporation
RG174 CRYSTEKCRYSTAL-RG174 Datasheet
1Mb / 2P
RG174 50 Ohm Coaxial Cables
logo
CRYSTEK CORPORATION
CC2450-MM-150-24 CRYSTEKMICROWAVE-CC2450-MM-150-24 Datasheet
1Mb / 2P
50 GHz Low Loss Coaxial Cables
CCK26.5-MM-190-30 CRYSTEKMICROWAVE-CCK26.5-MM-190-30 Datasheet
1Mb / 3P
26.5 GHz Low Loss Coaxial Cables
CCMX-MM-RG178-6 CRYSTEKMICROWAVE-CCMX-MM-RG178-6 Datasheet
884Kb / 2P
RG178 50 Ohm MMCX Coaxial Cables
CCMX-MM-RG316-6 CRYSTEKMICROWAVE-CCMX-MM-RG316-6 Datasheet
867Kb / 2P
RG316 50 Ohm MMCX Coaxial Cables
CCSMA-MM-LL335-36 CRYSTEKMICROWAVE-CCSMA-MM-LL335-36 Datasheet
1Mb / 2P
LL335 50 Ohm 18 GHz Low Loss Coaxial Cables
CCSMA-MM-RG316DS-6P CRYSTEKMICROWAVE-CCSMA-MM-RG316DS-6P Datasheet
846Kb / 1P
RG316DS 50 Ohm Coaxial Cables
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com