Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3110D2_0911 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPA3110D2_0911
Description  15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3110D2_0911 Datasheet(HTML) 1 Page - Texas Instruments

  TPA3110D2_0911 Datasheet HTML 1Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 2Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 3Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 4Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 5Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 6Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 7Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 8Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LINP
LINN
RINP
RINN
SD
SD
Fault
Fault
PLIMIT
PBTL
PVCC
8to26V
1 F
m
OUTNL
FERRITE
BEAD
FILTER
OUTPL
15W
FERRITE
BEAD
FILTER
FERRITE
BEAD
FILTER
8W
OUTR+
OUTR-
OUTL+
OUTL-
Audio
Source
TPA3110D2
GAIN0
GAIN1
OUTNR
FERRITE
BEAD
FILTER
OUTPR
15W
8W
FERRITE
BEAD
FILTER
FERRITE
BEAD
FILTER
TPA3110D2
www.ti.com................................................................................................................................................. SLOS528A – JULY 2009 – REVISED SEPTEMBER 2009
15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with
SPEAKERGUARD™
Check for Samples :TPA3110D2
1
FEATURES
APPLICATIONS
Televisions
2
15-W/ch into an 8-
Ω Loads at 10% THD+N
From a 16-V Supply
Consumer Audio Equipment
10-W/ch into 8-
Ω Loads at 10% THD+N From a
DESCRIPTION
13-V Supply
30-W into a 4-
Ω Mono Load at 10% THD+N
The TPA3110D2 is a 15-W (per channel) efficient,
Class-D audio power amplifier for driving bridged-tied
From a 16-V Supply
stereo
speakers.
Advanced
EMI
Suppression
90% Efficient Class-D Operation Eliminates
Technology enables the use of inexpensive ferrite
Need for Heat Sinks
bead filters at the outputs while meeting EMC
Wide Supply Voltage Range Allows Operation
requirements. SpeakerGuard™ speaker protection
from 8 V to 26 V
circuitry includes an adjustable power limiter and a
DC detection circuit. The adjustable power limiter
Filter-Free Operation
allows the user to set a "virtual" voltage rail lower
SpeakerGuard™ Speaker Protection Includes
than the chip supply to limit the amount of current
Adjustable Power Limiter plus DC Protection
through the speaker. The DC detect circuit measures
Flow Through Pin Out Facilitates Easy Board
the frequency and amplitude of the PWM signal and
Layout
shuts off the output stage if the input capacitors are
damaged or shorts exist on the inputs.
Robust Pin-to-Pin Short Circuit Protection and
Thermal Protection with Auto Recovery Option
The TPA3110D2 can drive stereo speakers as low as
4
Ω. The high efficiency of the TPA3110D2, 90%,
Excellent THD+N / Pop-Free Performance
eliminates the need for an external heat sink when
Four Selectable, Fixed Gain Settings
playing music.
Differential Inputs
The outputs are also fully protected against shorts to
GND, VCC, and output-to-output. The short-circuit
protection
and
thermal
protection
includes
an
auto-recovery feature.
Figure 1. TPA3110D2 Simplified Application Schematic
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SpeakerGuard, PowerPad are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPA3110D2_0911

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3110D2PWP TI-TPA3110D2PWP Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2PWP TI-TPA3110D2PWP Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
More results

Similar Description - TPA3110D2_0911

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2 TI1-TPA3110D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com