Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3110D2_0911 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPA3110D2_0911
Description  15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3110D2_0911 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA3110D2_0911 Datasheet HTML 4Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 5Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 6Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 7Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 8Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 9Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 10Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 11Page - Texas Instruments TPA3110D2_0911 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
10
20k
0.01
1
G005
PO = 10 W
PO = 5 W
Gain = 20 dB
VCC = 18 V
ZL = 6 Ω + 47 µH
PO = 1 W
f − Frequency − Hz
20
100
1k
10k
0.001
0.1
10
20k
0.01
1
G006
PO = 1 W
PO = 5 W
PO = 10 W
Gain = 20 dB
VCC = 12 V
ZL = 4 Ω + 33 µH
PO − Output Power − W
0.01
0.1
1
10
0.001
0.1
10
50
0.01
1
G007
f = 1 kHz
f = 10 kHz
Gain = 20 dB
VCC = 12 V
ZL = 8 Ω + 66 µH
f = 20 Hz
PO − Output Power − W
0.01
0.1
1
10
0.001
0.1
10
50
0.01
1
G008
f = 1 kHz
Gain = 20 dB
VCC = 18 V
ZL = 8 Ω + 66 µH
f = 20 Hz
f = 10 kHz
TPA3110D2
SLOS528A – JULY 2009 – REVISED SEPTEMBER 2009................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
(All Measurements taken at 1 kHz, unless otherwise noted. Measurements were made using the TPA3110D2 EVM which is
available at ti.com.)
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
vs
vs
FREQUENCY (BTL)
FREQUENCY (BTL)
Figure 6.
Figure 7.
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
OUTPUT POWER (BTL)
OUTPUT POWER (BTL)
Figure 8.
Figure 9.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPA3110D2


Similar Part No. - TPA3110D2_0911

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2-Q1 TI1-TPA3110D2-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3110D2PWP TI-TPA3110D2PWP Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2PWP TI-TPA3110D2PWP Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
More results

Similar Description - TPA3110D2_0911

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2_10 Datasheet
999Kb / 33P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2 TI1-TPA3110D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com