Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCE62005 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 27 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 23Page - Texas Instruments CDCE62005 Datasheet HTML 24Page - Texas Instruments CDCE62005 Datasheet HTML 25Page - Texas Instruments CDCE62005 Datasheet HTML 26Page - Texas Instruments CDCE62005 Datasheet HTML 27Page - Texas Instruments CDCE62005 Datasheet HTML 28Page - Texas Instruments CDCE62005 Datasheet HTML 29Page - Texas Instruments CDCE62005 Datasheet HTML 30Page - Texas Instruments CDCE62005 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 80 page
background image
CDCE62005
www.ti.com
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
Device Registers: Register 0
Table 6. CDCE62005 Register 0 Bit Definitions
SPI
RAM
BIT NAME
RELATED
DESCRIPTION/FUNCTION
BIT
BIT
BLOCK
0
A0
Address 0
0
1
A1
Address 1
0
2
A2
Address 2
0
3
A3
Address 3
0
4
0
DIV2PRIX
Pre-Divider Selection for the Primary Reference
EEPROM
Primary
(X,Y)=00:3-state, 01:Divide by “1”, 10:Divide by “2”, 11:Reserved
Reference
5
1
DIV2PRIY
EEPROM
6
2
RESERVED
Used in Test Mode
EEPROM
7
3
RESERVED
Used in Test Mode
EEPROM
8
4
OUTMUX0SELX
Output 0
OUTPUT MUX “0” Select. Selects the Signal driving Output Divider”0”
EEPROM
(X,Y) = 00: PRI_IN, 01:SEC_IN, 10:SMART_MUX, 11:VCO_CORE
9
5
OUTMUX0SELY
Output 0
EEPROM
10
6
PH0ADJC0
Output 0
EEPROM
11
7
PH0ADJC1
Output 0
EEPROM
12
8
PH0ADJC2
Output 0
EEPROM
13
9
PH0ADJC3
Output 0
Coarse phase adjust select for output divider “0”
EEPROM
14
10
PH0ADJC4
Output 0
EEPROM
15
11
PH0ADJC5
Output 0
EEPROM
16
12
PH0ADJC6
Output 0
EEPROM
17
13
OUT0DIVRSEL0
Output 0
EEPROM
18
14
OUT0DIVRSEL1
Output 0
EEPROM
19
15
OUT0DIVRSEL2
Output 0
EEPROM
20
16
OUT0DIVRSEL3
Output 0
OUTPUT DIVIDER “0” Ratio Select
EEPROM
21
17
OUT0DIVRSEL4
Output 0
EEPROM
22
18
OUT0DIVRSEL5
Output 0
EEPROM
23
19
OUT0DIVRSEL6
Output 0
EEPROM
When set to “0”, the divider is disabled
24
20
OUT0DIVSEL
Output 0
EEPROM
When set to “1”, the divider is enabled
High Swing LVPECL When set to “1” and Normal Swing when set to “0”
– If LVCMOS or LVDS is selected the Output swing will stay at the same level.
25
21
HiSWINGLVPECL0
Output 0
EEPROM
– If LVPECL buffer is selected the Output Swing will be 30% higher if this bit is set to “1”
and Normal LVPECL if it is set to “0”.
26
22
CMOSMODE0PX
Output 0
LVCMOS mode select for OUTPUT “0” Positive Pin.
EEPROM
(X,Y)=00:Active, 10:Inverting, 11:Low, 01:3-State
27
23
CMOSMODE0PY
Output 0
EEPROM
28
24
CMOSMODE0NX
Output 0
LVCMOS mode select for OUTPUT “0” Negative Pin.
EEPROM
(X,Y)=00:Active, 10:Inverting, 11:Low, 01:3-State
29
25
CMOSMODE0NY
Output 0
EEPROM
30
26
OUTBUFSEL0X
Output 0
OUTPUT TYPE
RAM BITS
EEPROM
22
23
24
25
26
27
LVPECL
0
0
0
0
0
1
LVDS
0
1
0
1
1
1
31
27
OUTBUFSEL0Y
Output 0
EEPROM
LVCMOS
See Settings Above*
0
0
Output Disabled
0
1
0
1
1
0
* Use Description for Bits 22,23,24 and 25 for setting the LVCMOS Outputs
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s) :CDCE62005


Similar Part No. - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI1-CDCE62005 Datasheet
2Mb / 85P
3:5 Clock Generator
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI1-CDCE62005RGZR Datasheet
2Mb / 85P
3:5 Clock Generator
CDCE62005RGZT TI-CDCE62005RGZT Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results

Similar Description - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE18005 TI-CDCE18005 Datasheet
1Mb / 58P
Five/Ten Output Clock Generator/Buffer
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com