Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCE62005 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 15Page - Texas Instruments CDCE62005 Datasheet HTML 16Page - Texas Instruments CDCE62005 Datasheet HTML 17Page - Texas Instruments CDCE62005 Datasheet HTML 18Page - Texas Instruments CDCE62005 Datasheet HTML 19Page - Texas Instruments CDCE62005 Datasheet HTML 20Page - Texas Instruments CDCE62005 Datasheet HTML 21Page - Texas Instruments CDCE62005 Datasheet HTML 22Page - Texas Instruments CDCE62005 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
CDCE62005
www.ti.com
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
PHASE NOISE ANALYSIS
Table 1. Device Output Phase Noise for 30.72 MHz External Reference
Phase Noise Specifications under following configuration: VCO = 1966.08 MHz, REF = 30.72 MHz,
PFD Frequency = 30.72 MHz, Charge Pump Current = 1.5 mA Loop BW = 400 kHz at 3.3 V and 25°C
Phase Noise
Reference 30.72
LVPECL 491.52
LVDS
LVCMOS
Unit
MHz
MHz
122.88
491.52 MHz
MHz
10 Hz
-108
–81
–81
–92
dBc/Hz
100 Hz
-130
–94
–96
–108
dBc/Hz
1 kHz
-134
–106
–106
–118
dBc/Hz
10 kHz
-152
–119
–119
–132
dBc/Hz
100 kHz
-156
–121
–122
–134
dBc/Hz
1 MHz
-157
–131
–131
–143
dBc/Hz
10 MHz
–145
–144
–150
dBc/Hz
20 MHz
–145
–144
–150
dBc/Hz
Jitter(RMS)
193
307
315
377
fs
10k~20 MHz
Table 2. Device Output Phase Noise for 25 MHz Crystal Reference
Phase Noise Specifications under following configuration: VCO = 2000.00 MHz, AUX-REF = 25.00
MHz,
PFD Frequency = 25.00 MHz, Charge Pump Current = 1.5 mA Loop BW = 400 kHz at 3.3 V and 25°C
Phase Noise
Referenc
LVPECL 500 MHz
LVDS 250 MHz
LVCMOS 125 MHz
Unit
e 25 MHz
10 Hz
-57
-62
-68
dBc/Hz
100 Hz
-90
-95
-102
dBc/Hz
1 kHz
-107
-113
-119
dBc/Hz
10 kHz
-115
-122
-128
dBc/Hz
100 kHz
-118
-124
-130
dBc/Hz
1 MHz
-130
-137
-143
dBc/Hz
10 MHz
-145
-147
-150
dBc/Hz
20 MHz
-145
-147
-150
dBc/Hz
Jitter(RMS)
389
405
437
fs
10k~20 MHz
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s) :CDCE62005


Similar Part No. - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI1-CDCE62005 Datasheet
2Mb / 85P
3:5 Clock Generator
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI1-CDCE62005RGZR Datasheet
2Mb / 85P
3:5 Clock Generator
CDCE62005RGZT TI-CDCE62005RGZT Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results

Similar Description - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE18005 TI-CDCE18005 Datasheet
1Mb / 58P
Five/Ten Output Clock Generator/Buffer
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com