Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCE62005 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 12Page - Texas Instruments CDCE62005 Datasheet HTML 13Page - Texas Instruments CDCE62005 Datasheet HTML 14Page - Texas Instruments CDCE62005 Datasheet HTML 15Page - Texas Instruments CDCE62005 Datasheet HTML 16Page - Texas Instruments CDCE62005 Datasheet HTML 17Page - Texas Instruments CDCE62005 Datasheet HTML 18Page - Texas Instruments CDCE62005 Datasheet HTML 19Page - Texas Instruments CDCE62005 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
LVPECL DC Termination Test
50
50
Oscilloscope
LVPECL AC Termination Test
50
50
Oscilloscope
150
150
Vcc-2
CDCE62005
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
www.ti.com
ELECTRICAL CHARACTERISTICS OPERATING CONDITIONS (Continued)
recommended operating conditions for the CDCE62005 device for under the specified Industrial temperature range of –40°C
to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
LVPECL OUTPUT
fclk
Output frequency, Configuration load
0
1500
MHz
VOH
LVPECL high-level output voltage load
VCC –1.06
VCC –0.88
V
VOL
LVPECL low-level output voltage load
VCC–2.02
VCC–1.58
V
|VOD|
Differential output voltage
610
970
mV
Outputs are set to 491.52 MHz,
tpho
Reference to Output Phase offset
1.47
ns
Reference at 30.72 MHz
tpd(LH)/
Crosspoint to Crosspoint, load In
Propagation delay from PRI_IN or SEC_IN to outputs
3.4
ns
Bypass Mode
tpd(HL)
All Outputs set at 200 MHz
tsk(o)
Skew, output to output For Y0 to Y4
In Bypass Mode Only
25
ps
Reference = 200MHz
CO
Output capacitance on Y0 to Y4
VCC = 3.3 V; VO = 0 V or VCC
5
pF
IOPDH
VO = VCC
25
mA
Power Down output current
IOPDL
VO = 0 V
5
mA
Duty Cycle
45%
55%
tr / tf
Rise and fall time
20% to 80% of VOUT(PP)
55
75
135
ps
LVDS-TO-LVPECL
tskP_C
Output skew between LVDS and LVPECL outputs
Crosspoint to Crosspoint
0.9
1.1
1.3
ns
LVCMOS-TO-LVPECL
tskP_C
Output skew between LVCMOS and LVPECL outputs
VCC/2 to Crosspoint
–150
260
700
ps
LVPECL HI-PERFORMANCE OUTPUT
VOH
LVPECL high-level output voltage load
VCC –1.11
VCC –0.87
V
VOL
LVPECL low-level output voltage load
VCC –2.06
VCC –1.73
V
|VOD|
Differential output voltage
760
1160
mV
tr / tf
Rise and fall time
20% to 80% of VOUT(PP)
55
75
135
ps
(1)
All typical values are at VCC = 3.3 V, temperature = 25°C
16
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005


Similar Part No. - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI1-CDCE62005 Datasheet
2Mb / 85P
[Old version datasheet]   3:5 Clock Generator
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI1-CDCE62005RGZR Datasheet
2Mb / 85P
[Old version datasheet]   3:5 Clock Generator
CDCE62005RGZT TI-CDCE62005RGZT Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results

Similar Description - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE18005 TI-CDCE18005 Datasheet
1Mb / 58P
[Old version datasheet]   Five/Ten Output Clock Generator/Buffer
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com