Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCE62005 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 66 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 62Page - Texas Instruments CDCE62005 Datasheet HTML 63Page - Texas Instruments CDCE62005 Datasheet HTML 64Page - Texas Instruments CDCE62005 Datasheet HTML 65Page - Texas Instruments CDCE62005 Datasheet HTML 66Page - Texas Instruments CDCE62005 Datasheet HTML 67Page - Texas Instruments CDCE62005 Datasheet HTML 68Page - Texas Instruments CDCE62005 Datasheet HTML 69Page - Texas Instruments CDCE62005 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 80 page
background image
DieTemperaturevsTotalDevicePower
0
25
50
75
100
125
0
1
2
3
4
Power(W)
JEDEC0LFM25C
JEDEC100LFM25C
RL 0LFM25C
RL 100LFM25C
JEDEC0LFM85C
JEDEC100LFM85C
RL 0LFM85C
RL 100LFM85C
JEDEC0LFM25C
JEDEC100LFM25C
RL 0LFM25C
JDEC0LFM85C
JEDEC100LFM85C
RL 0LFM85C
RL 100LFM85C
RL 100LFM25C
CDCE62005
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
www.ti.com
DEVICE POWER CALCULATION AND THERMAL MANAGEMENT
The CDCE62005 is a high performance device, therefore careful attention must be paid to device configuration
and printed circuit board layout with respect to power consumption. Table 44 provides the power consumption for
the individual blocks within the CDCE62005. To estimate total power consumption, calculate the sum of the
products of the number of blocks used and the power dissipated of each corresponding block.
Table 44. CDCE62005 Power Consumption
Internal Block (Power at 3.3V)
Power Dissipated per Block
Number of Blocks per Device
Input Circuit
250 mW
1
PLL and VCO Core
500 mW
1
Output Divider
185 mW
5
Output Buffer ( LVPECL)
116 mW
5
Output Buffer (LVDS)
76 mW
5
Output Buffer (LVCMOS)
86 mW
10
This power estimate determines the degree of thermal management required for a specific design. Employing the
thermally enhanced printed circuit board layout shown in Figure 40 insures that the thermal performance curves
shown in Figure 39 apply. Observing good thermal layout practices enables the thermal pad on the backside of
the QFN-48 package to provide a good thermal path between the die contained within the package and the
ambient air. This thermal pad also serves as the ground connection the device; therefore, a low inductance
connection to the ground plane is essential.
Figure 40 shows a layout optimized for good thermal performance and a good power supply connection as well.
The 7×7 filled via patter facilitates both considerations. Finally, the recommended layout achieves qJA =
27.3°C/W in still air and 20.3°C/W in an environment with 100 LFM airflow if implemented on a JEDEC compliant
thermal test board..
Figure 39. CDCE62005 Die Temperature vs Device Power
66
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005


Similar Part No. - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI1-CDCE62005 Datasheet
2Mb / 85P
3:5 Clock Generator
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI1-CDCE62005RGZR Datasheet
2Mb / 85P
3:5 Clock Generator
CDCE62005RGZT TI-CDCE62005RGZT Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results

Similar Description - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE18005 TI-CDCE18005 Datasheet
1Mb / 58P
Five/Ten Output Clock Generator/Buffer
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com