Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCE62005 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 64 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 60Page - Texas Instruments CDCE62005 Datasheet HTML 61Page - Texas Instruments CDCE62005 Datasheet HTML 62Page - Texas Instruments CDCE62005 Datasheet HTML 63Page - Texas Instruments CDCE62005 Datasheet HTML 64Page - Texas Instruments CDCE62005 Datasheet HTML 65Page - Texas Instruments CDCE62005 Datasheet HTML 66Page - Texas Instruments CDCE62005 Datasheet HTML 67Page - Texas Instruments CDCE62005 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
PFD/
CP
FromInputDivider
FromFeedback Divider
ToLoopFilter
FromInputDivider
FromFeedback Divider
Locked
Unlocked
FromInputDivider
FromFeedback Divider
25 24 23 22
Register 5
Lock Detect Window (Max)
Lock Detect Window Adjust
(a)
(b)
27 26
FromDigital
Lock Detector
PLL_LOCK
1 = Locked
O = Unlocked
(c)
CDCE62005
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
www.ti.com
Lock Detect
Digital Lock Detect
The CDCE62005 provides both an analog and a digital lock detect circuit. With respect to lock detect, two signals
whose phase difference is less than a prescribed amount are ‘locked’ otherwise they are ‘unlocked’. The phase
frequency detector / charge pump compares the clock provided by the input divider and the feedback divider;
using the input divider as the phase reference. The digital lock detect circuit implements a programmable lock
detect window. Table 43 shows an overview of how to configure the digital lock detect feature. When selecting
the digital PLL lock option, the PLL_LOCK pin will possibly jitter several times between lock and out of lock until
the PLL achieves a stable lock. If desired, choosing a wide loop bandwidth and a high number of successive
clock cycles virtually eliminates this characteristic. PLL_LOCK will return to out of lock, if just one cycle is outside
the lock detect window or if a cycle slip occurs.
Figure 37. CDCE62005 Digital Lock Detect
Table 43. CDCE62005 Digital Lock Detect Control
DIGITAL LOCK DETECT
Bit Name
ADLOCK
LOCKDET
LOCKW(3)
LOCKW(2)
LOCKW(1)
LOCKW(0)
Register.Bit
5.27
5.26
5.25
5.24
5.23
5.22
Lock Detect Window
1
X
X
X
X
X
Analog Lock
X
0
X
X
X
X
1 cycle in lock window triggers a lock
64 continuous cycles in lock window triggers a
X
1
X
X
X
X
lock
0
X
0
0
0
0
Narrow Window
0
X
0
0
0
1
One step wider than narrow window
0
X
0
0
1
0
Two steps wider than narrow window
0
X
0
1
0
0
Three steps wider than narrow window
0
X
0
1
0
1
Four steps wider than narrow window
0
X
1
1
1
0
Widest Window
0
X
X
X
1
1
Reserved
64
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005


Similar Part No. - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI1-CDCE62005 Datasheet
2Mb / 85P
[Old version datasheet]   3:5 Clock Generator
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI1-CDCE62005RGZR Datasheet
2Mb / 85P
[Old version datasheet]   3:5 Clock Generator
CDCE62005RGZT TI-CDCE62005RGZT Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results

Similar Description - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE18005 TI-CDCE18005 Datasheet
1Mb / 58P
[Old version datasheet]   Five/Ten Output Clock Generator/Buffer
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com