Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCE62005 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 59 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 55Page - Texas Instruments CDCE62005 Datasheet HTML 56Page - Texas Instruments CDCE62005 Datasheet HTML 57Page - Texas Instruments CDCE62005 Datasheet HTML 58Page - Texas Instruments CDCE62005 Datasheet HTML 59Page - Texas Instruments CDCE62005 Datasheet HTML 60Page - Texas Instruments CDCE62005 Datasheet HTML 61Page - Texas Instruments CDCE62005 Datasheet HTML 62Page - Texas Instruments CDCE62005 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
CDCE62005
www.ti.com
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
VCO Select
Table 34 illustrates how to control the dual voltage controlled oscillators.
Table 34. CDCE62005 VCO Select
VCO Select
VCO CHARACTERISTICS
SELVCO
Bit Name
Register.Bit
6.0
VCO Range
Fmin (MHz)
Fmax (MHz)
0
Low
1750
2046
1
High
2040
2356
Prescaler
Table 35 shows how to configure the prescaler.
Table 35. CDCE62005 Prescaler Settings
SETTINGS
SELPRESCB
SELPRESCA
DIVIDE RATIO
6.2
6.1
0
0
5
1
0
4
0
1
3
1
1
2
Charge Pump Current Settings
Table 36 provides the settings for the charge pump:
Table 36. CDCD62005 Charge Pump Settings
CHARGE PUMP SETTINGS
CHARGE PUMP
ICPSEL3
ICPSEL2
ICPSEL1
ICPSEL0
Bit Name
CURRENT
Register.Bit
6.19
6.18
6.17
6.16
0
0
0
0
50 mA
0
0
0
1
100 mA
0
0
1
0
150 mA
0
0
1
1
200 mA
0
1
0
0
300 mA
0
1
0
1
400 mA
0
1
1
0
600 mA
0
1
1
1
750 mA
1
0
0
0
1 mA
1
0
0
1
1.25 mA
1
0
1
0
1.5 mA
1
0
1
1
2 mA
1
1
0
0
2.5 mA
1
1
0
1
3 mA
1
1
1
0
3.5 mA
1
1
1
1
3.75 mA
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Link(s) :CDCE62005


Similar Part No. - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI1-CDCE62005 Datasheet
2Mb / 85P
3:5 Clock Generator
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI1-CDCE62005RGZR Datasheet
2Mb / 85P
3:5 Clock Generator
CDCE62005RGZT TI-CDCE62005RGZT Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results

Similar Description - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE18005 TI-CDCE18005 Datasheet
1Mb / 58P
Five/Ten Output Clock Generator/Buffer
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com