Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCE62005 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 56 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 52Page - Texas Instruments CDCE62005 Datasheet HTML 53Page - Texas Instruments CDCE62005 Datasheet HTML 54Page - Texas Instruments CDCE62005 Datasheet HTML 55Page - Texas Instruments CDCE62005 Datasheet HTML 56Page - Texas Instruments CDCE62005 Datasheet HTML 57Page - Texas Instruments CDCE62005 Datasheet HTML 58Page - Texas Instruments CDCE62005 Datasheet HTML 59Page - Texas Instruments CDCE62005 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 80 page
background image
PFD/
CP
Prescaler
/2,/3,/4,/5
InputDivider
/1 - /256
SMART _MUX
SYNTH
50 kHz –
400 kHz
/1,/2,/5,/8,/10,/16,/20
/8 - /1280
FeedbackDivider
1.75 GHz –
2.356 GHz
Register 6
16
17
18
19
ChargePumpCurrent
14
Register 5
15
16
17
18
19
20
21
InputDividerSettings
Register 6
1
2
Prescaler
3
Register 6
4
5
6
7
8
9
10
FeedbackDivider
Register 6
13
14
15
FeedbackBypassDivider
0
Register 7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
LoopFilterSettings
Register 6
0
VCOSelect
CDCE62005
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
www.ti.com
SYNTHESIZER BLOCK
Figure 34 provides an overview of the CDCE62005 synthesizer block. The Synthesizer Block provides a Phase
Locked Loop, a partially integrated programmable loop filter, and two Voltage Controlled Oscillators (VCO). The
synthesizer block generates an output clock called “SYNTH” and drives it onto the Internal Clock Distribution
Bus.
Figure 34. CDCE62005 Synthesizer Block
Input Divider
The Input Divider divides the clock signal selected by the Smart Multiplexer (see Table 18) and presents the
divided signal to the Phase Frequency Detector / Charge Pump of the frequency synthesizer.
Table 31. CDCE62005 Input Divider Settings
INPUT DIVIDER SETTINGS
DIVIDE
SELINDIV7
SELINDIV6
SELINDIV5
SELINDIV4
SELINDIV3
SELINDIV2
SELINDIV1
SELINDIV0
RATIO
5.21
5.20
5.19
5.18
5.17
5.16
5.15
5.14
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
1
2
0
0
0
0
0
0
1
0
3
0
0
0
0
0
0
1
1
4
0
0
0
0
0
1
0
0
5
0
0
0
0
0
1
0
1
6
1
1
1
1
1
1
1
1
256
56
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005


Similar Part No. - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI1-CDCE62005 Datasheet
2Mb / 85P
3:5 Clock Generator
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI1-CDCE62005RGZR Datasheet
2Mb / 85P
3:5 Clock Generator
CDCE62005RGZT TI-CDCE62005RGZT Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results

Similar Description - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE18005 TI-CDCE18005 Datasheet
1Mb / 58P
Five/Ten Output Clock Generator/Buffer
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com