Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCE62005 Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 54 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 50Page - Texas Instruments CDCE62005 Datasheet HTML 51Page - Texas Instruments CDCE62005 Datasheet HTML 52Page - Texas Instruments CDCE62005 Datasheet HTML 53Page - Texas Instruments CDCE62005 Datasheet HTML 54Page - Texas Instruments CDCE62005 Datasheet HTML 55Page - Texas Instruments CDCE62005 Datasheet HTML 56Page - Texas Instruments CDCE62005 Datasheet HTML 57Page - Texas Instruments CDCE62005 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 80 page
background image
Prescaler
Divider
Output
Divider
Output
Divider
Q
Q
SET
CLR
D
~ 6usdelay
f(refclk)
/SYNC
MUX
0
1
Reg 4, SPIBit 5
Ya
Yb
Feedback
Divider
PFD
Input
Divider
ReferenceInput
VCO
LoopFilter
VCOClockafterPrescalerDivider
SYNC synchronizedtoreferenceinput
Reg 4 SPIBit 5 = “1”, Reg 6 SPIBit 24 = “0”
WhenReg6, SPIBit24= “0”,Reg4SPIBit5= “1” andthe
pulselow-to-hightransitionissynchronizedtothereferenceinput,thedelayofthe
low-to-highpulsetothetoggling
ofsynchronizedoutputsisequaltothepropagationdelayof
signalinsidedevice+phaseerror(onreferenceinputedgetransitionafter
signal)+dividerdelay(2.5clockcyclesof
VCOclockafterprescaler)+delaybetween
andinputtransition. Totaluncertaintyis1clockcycleofVCOclockafterprescaler(uncertaintyirrespectiveofoutputdividevalue)
SYNC
SYNC
SYNC
SYNC
SYNC
.
OutputClock (outputdivider= 2)
Propagationdelayof SYNC insidedevice
ReferenceInputClock
Dividerdelay
PhaseError(onedgetransitionofreferenceinput)
0
1
F(refclk)
Reg 6, SPIBit 24
CDCE62005
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
www.ti.com
Output Synchronization
Figure 32. CDCE62005 SYNC to Output delay variation
Output Synchronization Timing
Synchronization of the outputs is edecuted in several ways:
The SYNC pin is forced low and then released (manual sync).
By setting and then resetting Register 8, SPI Bit 12.
Whenever the output dividers are changed.
The most common way to execute the output synchronization is to toggle the SYNC pin where the outputs are
aligned on a low-to-high pulse on the SYNC after a delay as explained in Figure 32. For having tight control on
the delay variation of the outputs synchronization after a low-to-high pulse on the SYNC pin, the Register 4, SPI
Bit 5 needs to be set to “1”. When Reg 6, SPI Bit 24 = "0", the outputs are synchronized to each other and to the
reference input. In this case, the total delay from SYNC low-to-high pulse to toggling of synchronized outputs is
given in Figure 32.
When Reg 6, SPI Bit 24 = "1", the outputs are synchronized to each other and to the SYNC low-to-high pulse. In
this case, the total delay from SYNC low-to-high pulse to toggling of synchronized outputs is equal to the
propagation delay of SYNC signal inside device + divider delay. Total uncertainty is 1 cycle of VCO clock after
prescaler (uncertainty irrespective of output divide value).
54
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005


Similar Part No. - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI1-CDCE62005 Datasheet
2Mb / 85P
[Old version datasheet]   3:5 Clock Generator
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI1-CDCE62005RGZR Datasheet
2Mb / 85P
[Old version datasheet]   3:5 Clock Generator
CDCE62005RGZT TI-CDCE62005RGZT Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results

Similar Description - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE18005 TI-CDCE18005 Datasheet
1Mb / 58P
[Old version datasheet]   Five/Ten Output Clock Generator/Buffer
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com