Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCE62005 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 40 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 36Page - Texas Instruments CDCE62005 Datasheet HTML 37Page - Texas Instruments CDCE62005 Datasheet HTML 38Page - Texas Instruments CDCE62005 Datasheet HTML 39Page - Texas Instruments CDCE62005 Datasheet HTML 40Page - Texas Instruments CDCE62005 Datasheet HTML 41Page - Texas Instruments CDCE62005 Datasheet HTML 42Page - Texas Instruments CDCE62005 Datasheet HTML 43Page - Texas Instruments CDCE62005 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
CDCE62005
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
www.ti.com
Table 16. CDCE62005 Universal Input Buffer Configuration Matrix (continued)
PRI_IN CONFIGURATION MATRIX
SETTINGS
CONFIGURATION
Register.Bit
5.7
5.1
5.0
5.8
5.9
5.6
Bit Name
HYSTEN
INBUFSELY
INBUFSELX
PRI_TERMSEL
PRIINVBB
ACDCSEL
Hysteresis
Mode
Coupling
Termination
Vbb
1
1
0
0
0
0
ENABLED
LVPECL
AC
Internal
1.9V
1
1
0
0
0
1
ENABLED
LVPECL
DC
Internal
1.2V
1
1
0
1
X
X
ENABLED
LVPECL
External
1
1
1
0
0
0
ENABLED
LVDS
AC
Internal
1.2V
1
1
1
0
0
1
ENABLED
LVDS
DC
Internal
1.2V
1
1
1
1
X
X
ENABLED
LVDS
External
0
X
X
X
X
X
OFF
1
X
X
X
X
X
ENABLED
LVDS Fail Safe Mode
Differential data line receivers can switch on noise in the absence of an input signal. This occurs when the bus
driver is turned off or the interconnect is damaged or missing. Traditionally the solution to this problem involves
incorporating an external resistor network on the receiver input. This network applies a steady-state bias voltage
to the input pins. The additional cost of the external components notwithstanding, the use of such a network
lowers input signal magnitude and thus reduces the differential noise margin. The CDCE62005 provides internal
failsafe circuitry on all LVDS inputs if enabled as shown in Table 17 for DC termination only.
Table 17. LVDS Failsafe Settings
Bit Name
FAILSAFE
LVDS Failsafe
Register.Bit
5.11
0
Disabled for all inputs
1
Enabled for all inputs
Smart Multiplexer Controls
The smart multiplexer implements a configurable switching mechanism suitable for many applications in which
fault tolerance is a design consideration. It includes the multiplexer itself along with three dividers. With respect to
the multiplexer control, Table 18 provides an overview of the configurations supported by the CDCE62005.
Table 18. CDCE62005 Smart Multiplexer Settings
REGISTER 5 SETTINGS
EECLKSEL
AUXSEL
SECSEL
PRISEL
SMART MULTIPLEXER MODE
5.5
5.4
5.3
5.2
1
0
0
1
Manual Mode: PRI_IN selected
1
0
1
0
Manual Mode: SEC_IN selected
1
1
0
0
Manual Mode: AUX_IN selected
1
0
1
1
Auto MOde: PRI_IN then SEC_IN
1
1
1
1
Auto Mode: PRI_IN then SEC_IN then AUX_IN
0
X
1
1
REF_SEL pin selects PRI_IN or SEC_IN
40
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005


Similar Part No. - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI1-CDCE62005 Datasheet
2Mb / 85P
[Old version datasheet]   3:5 Clock Generator
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI1-CDCE62005RGZR Datasheet
2Mb / 85P
[Old version datasheet]   3:5 Clock Generator
CDCE62005RGZT TI-CDCE62005RGZT Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results

Similar Description - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE18005 TI-CDCE18005 Datasheet
1Mb / 58P
[Old version datasheet]   Five/Ten Output Clock Generator/Buffer
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com