Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCE62005 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 36 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 32Page - Texas Instruments CDCE62005 Datasheet HTML 33Page - Texas Instruments CDCE62005 Datasheet HTML 34Page - Texas Instruments CDCE62005 Datasheet HTML 35Page - Texas Instruments CDCE62005 Datasheet HTML 36Page - Texas Instruments CDCE62005 Datasheet HTML 37Page - Texas Instruments CDCE62005 Datasheet HTML 38Page - Texas Instruments CDCE62005 Datasheet HTML 39Page - Texas Instruments CDCE62005 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
VCO
CAL
Sleep
ActiveMode
PowerON
Reset
PowerDown
Sync
Calibration
Hold
DelayFinished
CAL_Enabled
Sleep = ON
Sleep = OFF
CAL Done
PowerDown=ON
Sync=ON
Sync=OFF
Manual
Recalibration=ON
Device
OFF
Power
Applied
CDCE62005
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
www.ti.com
Device Control
Figure 22 provides a conceptual explanation of the CDCE62005 Device operation. Table 15 defines how the
device behaves in each of the operational states.
Figure 22. CDCE62005 Device State Control Diagram
Table 15. CDCE62005 Device State Definitions
Status
State
Device Behavior
Entered Via
Exited Via
Output
Output
SPI Port
PLL
Divider
Buffer
After device power supply reaches
Power applied to the device or upon
Power On Reset and EEPROM loading
OFF
Disabled
Disabled
OFF
approximately 2.35 V, the contents
exit from Power Down State via the
delays are finished OR the Power_Down
Power-On
of EEPROM are copied into the
Power_Down pin set HIGH.
pin is set LOW.
Reset
Device Registers, thereby initializing
the device hardware.
The device waits until either
Delay process in the Power-On Reset
The device waits until either
ON
Enabled
Disabled
OFF
ENCAL_MODE (Device Register 6
State is finished or Sleep Mode (Sleep
ENCAL_MODE (Device Register 6 bit 27)
bit 27) is low (Start up calibration
bit is in Register 8 bit 7) is turned OFF
is low (Start up calibration enabled) or
Calibration
enabled) or both ENCAL_MODE is
while in the Sleep State. Power Down
both ENCAL_MODE is high (Manual
Hold
high (Manual Calibration Enabled)
must be OFF to enter the Calibration
Calibration Enabled) AND ENCAL (Device
AND ENCAL (Device Register 6 bit
Hold State.
Register 6 bit 22) transitions from a low to
22) transitions from a low to a high
a high signaling the device
signaling the device.
The voltage controlled oscillator is
Calibration Hold: CAL Enabled
Calibration Process in completed
ON
Enabled
Disabled
OFF
calibrated based on the PLL settings
becomes true when either
and the incoming reference clock.
ENCAL_MODE (Device Register 6 bit
After the VCO has been calibrated,
27) is low or both ENCAL_MODE is
the device enters Active Mode
high AND ENCAL (Device Register 6
automatically.
bit 22) transitions from a low to a high.
VCO CAL
Active Mode: A Manual Recalibration
is requested. This is initiated by
setting ENCAL_MODE to HIGH
(Manual Calibration Enabled) AND
initiating a calibration sequence by
applying a LOW to HIGH transition on
ENCAL.
Normal Operation
CAL Done (VCO calibration process
Sync, Power Down, Sleep, or Manual
ON
Enabled
Disabled
Disabled
Active Mode
finished) or Sync = OFF (from Sync
Recalibration activated.
or
or
State).
Enabled
Enabled
36
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005


Similar Part No. - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI1-CDCE62005 Datasheet
2Mb / 85P
[Old version datasheet]   3:5 Clock Generator
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI1-CDCE62005RGZR Datasheet
2Mb / 85P
[Old version datasheet]   3:5 Clock Generator
CDCE62005RGZT TI-CDCE62005RGZT Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results

Similar Description - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE18005 TI-CDCE18005 Datasheet
1Mb / 58P
[Old version datasheet]   Five/Ten Output Clock Generator/Buffer
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com