Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCE62005 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE62005 Datasheet(HTML) 34 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 30Page - Texas Instruments CDCE62005 Datasheet HTML 31Page - Texas Instruments CDCE62005 Datasheet HTML 32Page - Texas Instruments CDCE62005 Datasheet HTML 33Page - Texas Instruments CDCE62005 Datasheet HTML 34Page - Texas Instruments CDCE62005 Datasheet HTML 35Page - Texas Instruments CDCE62005 Datasheet HTML 36Page - Texas Instruments CDCE62005 Datasheet HTML 37Page - Texas Instruments CDCE62005 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
CDCE62005
SCAS862C – NOVEMBER 2008 – REVISED FEBRUARY 2010
www.ti.com
Device Registers: Register 7
Table 13. CDCE62005 Register 7 Bit Definitions
SPI
RAM BIT NAME
RELATED
DESCRIPTION/FUNCTION
BIT
BIT
BLOCK
0
A0
Address 0
1
1
A1
Address 1
1
2
A2
Address 2
1
3
A3
Address 3
0
4
0
LFRCSEL0
VCO Core
Loop Filter Control Setting
EEPROM
5
1
LFRCSEL1
VCO Core
Loop Filter Control Setting
EEPROM
6
2
LFRCSEL2
VCO Core
Loop Filter Control Setting
EEPROM
7
3
LFRCSEL3
VCO Core
Loop Filter Control Setting
EEPROM
8
4
LFRCSEL4
VCO Core
Loop Filter Control Setting
EEPROM
9
5
LFRCSEL5
VCO Core
Loop Filter Control Setting
EEPROM
10
6
LFRCSEL6
VCO Core
Loop Filter Control Setting
EEPROM
11
7
LFRCSEL7
VCO Core
Loop Filter Control Setting
EEPROM
12
8
LFRCSEL8
VCO Core
Loop Filter Control Setting
EEPROM
13
9
LFRCSEL9
VCO Core
Loop Filter Control Setting
EEPROM
14
10
LFRCSEL10
VCO Core
Loop Filter Control Setting
EEPROM
15
11
LFRCSEL11
VCO Core
Loop Filter Control Setting
EEPROM
16
12
LFRCSEL12
VCO Core
Loop Filter Control Setting
EEPROM
17
13
LFRCSEL13
VCO Core
Loop Filter Control Setting
EEPROM
18
14
LFRCSEL14
VCO Core
Loop Filter Control Setting
EEPROM
19
15
LFRCSEL15
VCO Core
Loop Filter Control Setting
EEPROM
20
16
LFRCSEL16
VCO Core
Loop Filter Control Setting
EEPROM
21
17
LFRCSEL17
VCO Core
Loop Filter Control Setting
EEPROM
22
18
LFRCSEL18
VCO Core
Loop Filter Control Setting
EEPROM
23
19
LFRCSEL19
VCO Core
Loop Filter Control Setting
EEPROM
24
20
LFRCSEL20
VCO Core
Loop Filter Control Setting
EEPROM
25
21
RESERVED
Must be set to "0"
EEPROM
26
22
TESTMUX1
Diagnostics
Set to “1”
EEPROM
If set to “0” it enables short delay for fast operation
27
23
SEL_DEL2
Smart Mux
EEPROM
If Set to “1” Long Delay recommended for Input References below 150MHz.
28
24
TEXTMUX2
Diagnostics
Set to “1”
EEPROM
If set to “0” it enables short delay for fast operation
29
25
SEL_DEL1
Smart Mux
EEPROM
If Set to “1” Long Delay recommended for Input References below 150MHz.
Read Only
If EPLOCK reads “0” EEPROM is unlocked. If EPLOCK reads “1”, then the
30
26
EPLOCK
Status
EEPROM
EEPROM is locked (see Table 5 for how to lock the EEPROM – this can only
be executed once after which the EEPROM is locked permanently).
31
27
RESERVED
Status
Read Only Always reads “1”
EEPROM
34
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Link(s) :CDCE62005


Similar Part No. - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI1-CDCE62005 Datasheet
2Mb / 85P
3:5 Clock Generator
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI1-CDCE62005RGZR Datasheet
2Mb / 85P
3:5 Clock Generator
CDCE62005RGZT TI-CDCE62005RGZT Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results

Similar Description - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE18005 TI-CDCE18005 Datasheet
1Mb / 58P
Five/Ten Output Clock Generator/Buffer
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com