Electronic Components Datasheet Search |
|
TPS61165DRVTG4 Datasheet(PDF) 15 Page - Texas Instruments |
|
|
|
TPS61165DRVTG4 Datasheet(HTML) 15 Page - Texas Instruments |
15 / 26 page Cout + Vout * Vin Iout Vout Fs V ripple V ripple_ESR + Iout R ESR TPS61165 www.ti.com SLVS790A – NOVEMBER 2007 – REVISED MAY 2010 TPS61165 has built-in slope compensation to avoid sub-harmonic oscillation associated with current mode control. If the inductor value is lower than 10mH, the slope compensation may not be adequate, and the loop can be unstable. Therefore, customers need to verify the inductor in their application if it is different from the recommended values. Table 3. Recommended Inductors for TPS61165 L DCR MAX SATURATION CURRENT SIZE PART NUMBER VENDOR (mH) (m Ω) (A) (L × W × H mm) A915_Y-100M 10 90 1.3 5.2×5.2×3.0 TOKO VLCF5020T-100M1R1-1 10 237 1.1 5×5×2.0 TDK CDRH4D22/HP 10 144 1.2 5×5×2.4 Sumida LQH43PN100MR0 10 247 0.84 4.5×3.2×2.0 Murata SCHOTTKY DIODE SELECTION The high switching frequency of the TPS61165 demands a high-speed rectification for optimum efficiency. Ensure that the diode’s average and peak current rating exceeds the average output current and peak inductor current. In addition, the diode’s reverse breakdown voltage must exceed the open LED protection voltage. The ONSemi MBR0540 and the ZETEX ZHCS400 are recommended for TPS61165. COMPENSATION CAPACITOR SELECTION The compensation capacitor C3 (see the block diagram), connected from COMP pin to GND, is used to stabilize the feedback loop of the TPS61165. Use 220nF ceramic capacitor for C3. INPUT AND OUTPUT CAPACITOR SELECTION The output capacitor is mainly selected to meet the requirements for the output ripple and loop stability. This ripple voltage is related to the capacitor’s capacitance and its equivalent series resistance (ESR). Assuming a capacitor with zero ESR, the minimum capacitance needed for a given ripple can be calculated by: (6) where, Vripple = peak-to-peak output ripple. The additional output ripple component caused by ESR is calculated using: (7) Due to its low ESR, Vripple_ESR can be neglected for ceramic capacitors, but must be considered if tantalum or electrolytic capacitors are used. Care must be taken when evaluating a ceramic capacitors derating under dc bias, aging and AC signal. For example, larger form factor capacitors (in 1206 size) have a self resonant frequencies in the range of the switching frequency. So the effective capacitance is significantly lower. The DC bias can also significantly reduce capacitance. Ceramic capacitors can loss as much as 50% of its capacitance at its rated voltage. Therefore, leave the margin on the voltage rating to ensure adequate capacitance at the required output voltage. The capacitor in the range of 1mF to 4.7mF is recommended for input side. The output requires a capacitor in the range of 1mF to 10mF. The output capacitor affects the loop stability of the boost regulator. If the output capacitor is below the range, the boost regulator can potentially become unstable. The popular vendors for high value ceramic capacitors are: TDK (http://www.component.tdk.com/components.php) Murata (http://www.murata.com/cap/index.html) Copyright © 2007–2010, Texas Instruments Incorporated Submit Documentation Feedback 15 Product Folder Link(s): TPS61165 |
Similar Part No. - TPS61165DRVTG4 |
|
Similar Description - TPS61165DRVTG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |