Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61165DRVTG4 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61165DRVTG4
Description  High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61165DRVTG4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS61165DRVTG4 Datasheet HTML 10Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 11Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 12Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 13Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 14Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 15Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 16Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 17Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
ú
û
ù
ê
ë
é
+
-
+
´
´
=
)
V
1
V
V
V
1
(
F
L
1
I
in
in
f
out
s
P
Iout_max
+
Vin
I
lim * IP 2
h
Vout
I
in_DC +
Vout
Iout
Vin
h
TPS61165
SLVS790A – NOVEMBER 2007 – REVISED MAY 2010
www.ti.com
APPLICATION INFORMATION
MAXIMUM OUTPUT CURRENT
The overcurrent limit in a boost converter limits the maximum input current and thus maximum input power for a
given input voltage. Maximum output power is less than maximum input power due to power conversion losses.
Therefore, the current limit setting, input voltage, output voltage and efficiency can all change maximum current
output. The current limit clamps the peak inductor current; therefore, the ripple has to be subtracted to derive
maximum DC current. The ripple current is a function of switching frequency, inductor value and duty cycle. The
following equations take into account of all the above factors for maximum output current calculation.
(3)
Where:
Ip = inductor peak to peak ripple
L = inductor value
Vf = Schottky diode forward voltage
Fs = switching frequency
Vout = output voltage of the boost converter. It is equal to the sum of VFB and the voltage drop across LEDs.
(4)
where
Iout_max = Maximum output current of the boost converter
Ilim = over current limit
h = efficiency
For instance, when VIN is 3V, 8 LEDs output equivalent to VOUT of 26V, the inductor is 22mH, the Schottky
forward voltage is 0.2V; and then the maximum output current is 110mA in typical condition. When VIN is 5V, 10
LEDs output equivalent to VOUT of 32V, the inductor is 22mH, the Schottky forward voltage is 0.2V; and then the
maximum output current is 150mA in typical condition.
INDUCTOR SELECTION
The selection of the inductor affects steady state operation as well as transient behavior and loop stability. These
factors make it the most important component in power regulator design. There are three important inductor
specifications, inductor value, DC resistance and saturation current. Considering inductor value alone is not
enough.
The inductor value determines the inductor ripple current. Choose an inductor that can handle the necessary
peak current without saturating, according to half of the peak-to-peak ripple current given by Equation 3, pause
the inductor DC current given by:
(5)
Inductor values can have ±20% tolerance with no current bias. When the inductor current approaches saturation
level, its inductance can decrease 20% to 35% from the 0A value depending on how the inductor vendor defines
saturation current. Using an inductor with a smaller inductance value forces discontinuous PWM when the
inductor current ramps down to zero before the end of each switching cycle. This reduces the boost converter’s
maximum output current, causes large input voltage ripple and reduces efficiency. Large inductance value
provides much more output current and higher conversion efficiency. For these reasons, a 10mH to 22mH
inductor value range is recommended. A 22mH inductor optimized the efficiency for most application while
maintaining low inductor peak to peak ripple. Table 3 lists the recommended inductor for the TPS61165. When
recommending inductor value, the factory has considered –40% and +20% tolerance from its nominal value.
14
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS61165


Similar Part No. - TPS61165DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165DRVTG4 TI1-TPS61165DRVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   High-Brightness, White LED Driver in WSON and SOT-23 Packages
More results

Similar Description - TPS61165DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165 TI-TPS61165 Datasheet
503Kb / 21P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN Package
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
logo
Micrel Semiconductor
MIC3287 MICREL-MIC3287 Datasheet
339Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
logo
Texas Instruments
TPS61165 TI1-TPS61165_17 Datasheet
1Mb / 33P
[Old version datasheet]   High-Brightness, White LED Driver in WSON and SOT-23 Packages
logo
Micrel Semiconductor
MIC3287 MICREL-MIC3287_10 Datasheet
355Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC2287 MICREL-MIC2287_05 Datasheet
398Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C Datasheet
944Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C_11 Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF and Thin SOT-23
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com