Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61165DRVTG4 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61165DRVTG4
Description  High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61165DRVTG4 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS61165DRVTG4 Datasheet HTML 9Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 10Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 11Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 12Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 13Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 14Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 15Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 16Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TPS61165
www.ti.com
SLVS790A – NOVEMBER 2007 – REVISED MAY 2010
All bits are transmitted MSB first and LSB last. Figure 15 shows the protocol without acknowledge request (Bit
RFA = 0), Figure 15 with acknowledge (Bit RFA = 1) request. Prior to both bytes, device address byte and data
byte, a start condition must be applied. For this, the CTRL pin must be pulled high for at least tstart (2ms) before
the bit transmission starts with the falling edge. If the CTRL pin is already at a high level, no start condition is
needed prior to the device address byte. The transmission of each byte is closed with an End of Stream
condition for at least tEOS (2ms).
The bit detection is based on a Logic Detection scheme, where the criterion is the relation between tLOW and
tHIGH. It can be simplified to:
High Bit: tHIGH > tLOW, but with tHIGH at least 2x tLOW, see Figure 15.
Low Bit: tHIGH < tLOW, but with tLOW at least 2x tHIGH, see Figure 15.
The bit detection starts with a falling edge on the CTRL pin and ends with the next falling edge. Depending on
the relation between tHIGH and tLOW, the logic 0 or 1 is detected.
The acknowledge condition is only applied if:
Acknowledge is requested by a set RFA bit.
The transmitted device address matches with the device address of the device.
16 bits is received correctly.
If the device turns on the internal ACKN-MOSFET and pulls the CTRL pin low for the time tACKN, which is 512ms
maximum then the Acknowledge condition is valid after an internal delay time tvalACK. This means that the internal
ACKN-MOSFET is turned on after tvalACK, when the last falling edge of the protocol was detected. The master
controller keeps the line low in this period. The master device can detect the acknowledge condition with its input
by releasing the CTRL pin after tvalACK and read back a logic 0. The CTRL pin can be used again after the
acknowledge condition ends.
Note that the acknowledge condition may only be requested if the master device has an open drain output. For a
push-pull output stage, the use a series resistor in the CRTL line to limit the current to 500mA is recommended to
for such cases as:
accidentally requested acknowledge, or
to protect the internal ACKN-MOSFET.
UNDERVOLTAGE LOCKOUT
An undervoltage lockout prevents operation of the device at input voltages below typical 2.2V. When the input
voltage is below the undervoltage threshold, the device is shutdown and the internal switch FET is turned off. If
the input voltage rises by undervoltage lockout hysteresis, the IC restarts.
THERMAL SHUTDOWN
An internal thermal shutdown turns off the device when the typical junction temperature of 160°C is exceeded.
The device is released from shutdown automatically when the junction temperature decreases by 15°C.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS61165


Similar Part No. - TPS61165DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165DRVTG4 TI1-TPS61165DRVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   High-Brightness, White LED Driver in WSON and SOT-23 Packages
More results

Similar Description - TPS61165DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165 TI-TPS61165 Datasheet
503Kb / 21P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN Package
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
logo
Micrel Semiconductor
MIC3287 MICREL-MIC3287 Datasheet
339Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
logo
Texas Instruments
TPS61165 TI1-TPS61165_17 Datasheet
1Mb / 33P
[Old version datasheet]   High-Brightness, White LED Driver in WSON and SOT-23 Packages
logo
Micrel Semiconductor
MIC3287 MICREL-MIC3287_10 Datasheet
355Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC2287 MICREL-MIC2287_05 Datasheet
398Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C Datasheet
944Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C_11 Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF and Thin SOT-23
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com