Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61165DRVTG4 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61165DRVTG4
Description  High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61165DRVTG4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS61165DRVTG4 Datasheet HTML 8Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 9Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 10Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 11Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 12Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 13Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 14Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 15Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LowBit
(Logic0)
HighBit
(Logic1)
t
Low
t
High
t
LOW
t
High
EasyScaleTiming,withoutacknowledgeRFA =0
DA7
0
t
Start
StaticHigh
StaticHigh
DATA IN
t
Start
T
EOS
T
EOS
DA0
0
RFA
0
D0
1
AddressByte
DATA Byte
EasyScaleTiming,withacknowledgeRFA =1
StaticHigh
t
ACKN
Acknowledge
true,DataLine
pulleddownby
device
DATA IN
DATA OUT
Acknowledge
false,nopull
down
Controllerneedsto
PullupDataLineviaa
resistortodetect ACKN
ACKN
DA7
0
StaticHigh
T
EOS
t
valACK
DA0
0
RFA
1
D0
1
t
Start
t
Start
AddressByte
DATA Byte
TPS61165
SLVS790A – NOVEMBER 2007 – REVISED MAY 2010
www.ti.com
Table 2. EasyScale™ Bit Description (continued)
BIT
TRANSMISSION
BYTE
NAME
DESCRIPTION
NUMBER
DIRECTION
7 (MSB)
RFA
Request for acknowledge. If high, acknowledge is applied by device
6
A1
0 Address bit 1
5
A0
0 Address bit 0
4
D4
Data bit 4
Data byte
IN
3
D3
Data bit 3
2
D2
Data bit 2
1
D1
Data bit 1
0 (LSB)
D0
Data bit 0
Acknowledge condition active 0, this condition will only be applied in case RFA bit is
set. Open drain output, Line needs to be pulled high by the host with a pullup
ACK
OUT
resistor. This feature can only be used if the master has an open drain output stage.
In case of a push pull output stage Acknowledge condition may not be requested!
Figure 15. EasyScale™— Bit Coding
12
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS61165


Similar Part No. - TPS61165DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165DRVTG4 TI1-TPS61165DRVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   High-Brightness, White LED Driver in WSON and SOT-23 Packages
More results

Similar Description - TPS61165DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165 TI-TPS61165 Datasheet
503Kb / 21P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN Package
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
logo
Micrel Semiconductor
MIC3287 MICREL-MIC3287 Datasheet
339Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
logo
Texas Instruments
TPS61165 TI1-TPS61165_17 Datasheet
1Mb / 33P
[Old version datasheet]   High-Brightness, White LED Driver in WSON and SOT-23 Packages
logo
Micrel Semiconductor
MIC3287 MICREL-MIC3287_10 Datasheet
355Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC2287 MICREL-MIC2287_05 Datasheet
398Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C Datasheet
944Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C_11 Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF and Thin SOT-23
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com