Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61165DRVTG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61165DRVTG4
Description  High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61165DRVTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS61165DRVTG4 Datasheet HTML 6Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 7Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 8Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 9Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 10Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 11Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 12Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 13Page - Texas Instruments TPS61165DRVTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
VBG
200mV
CTRL
Error
Amplifer
FB
TPS61165
SLVS790A – NOVEMBER 2007 – REVISED MAY 2010
www.ti.com
For optimum performance, use the PWM dimming frequency in the range of 5kHz to 100kHz. The requirement of
minimum dimming frequency comes from the EasyScale detection delay and detection time specification in the
dimming mode selection. Since the CTRL pin is logic only pin, adding external RC filter applied to the pin does
not work.
To use lower PWM dimming, add external RC network connected to the FB pin as shown in the additional typical
application, Figure 17.
Figure 13. Block Diagram of Programmable FB Voltage Using PWM Signal
DIGITAL 1 WIRE BRIGHTNESS DIMMING
The CTRL pin features a simple digital interface to allow digital brightness control. The digital dimming can save
the processor power and battery life as it does not require a PWM signal all the time, and the processor can
enter idle mode if available.
The TPS61165 adopts the EasyScale™ protocol for the digital dimming, which can program the FB voltage to
any of the 32 steps with single command. The step increment increases with the voltage to produce pseudo
logarithmic curve for the brightness step. See Table 1 for the FB pin voltage steps. The default step is full scale
when the device is first enabled (VFB = 200 mV). The programmed reference voltage is stored in an internal
register. A power reset clears the register value and reset it to default.
EasyScale™: 1 WIRE DIGITAL DIMMING
EasyScale is a simple but flexible one pin interface to configure the FB voltage. The interface is based on a
master-slave structure, where the master is typically a microcontroller or application processor. Figure 14 and
Table 2 give an overview of the protocol. The protocol consists of a device specific address byte and a data byte.
The device specific address byte is fixed to 72 hex. The data byte consists of five bits for information, two
address bits, and the RFA bit. The RFA bit set to high indicates the Request for Acknowledge condition. The
Acknowledge condition is only applied if the protocol was received correctly. The advantage of EasyScale
compared with other on pin interfaces is that its bit detection is in a large extent independent from the bit
transmission rate. It can automatically detect bit rates between 1.7kBit/sec and up to 160kBit/sec.
Table 1. Selectable FB Voltage
FB voltage
D4
D3
D2
D1
D0
(mV)
0
0
0
0
0
0
0
1
5
0
0
0
0
1
2
8
0
0
0
1
0
3
11
0
0
0
1
1
4
14
0
0
1
0
0
5
17
0
0
1
0
1
6
20
0
0
1
1
0
7
23
0
0
1
1
1
8
26
0
1
0
0
0
10
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS61165


Similar Part No. - TPS61165DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165DRVTG4 TI1-TPS61165DRVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   High-Brightness, White LED Driver in WSON and SOT-23 Packages
More results

Similar Description - TPS61165DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61165 TI-TPS61165 Datasheet
503Kb / 21P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN Package
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
logo
Micrel Semiconductor
MIC3287 MICREL-MIC3287 Datasheet
339Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
logo
Texas Instruments
TPS61165 TI1-TPS61165_17 Datasheet
1Mb / 33P
[Old version datasheet]   High-Brightness, White LED Driver in WSON and SOT-23 Packages
logo
Micrel Semiconductor
MIC3287 MICREL-MIC3287_10 Datasheet
355Kb / 9P
   1.2MHz PWM White LED Driver with OVP in Thin SOT-23 and 2mm x 2mm MFL
MIC2287 MICREL-MIC2287_05 Datasheet
398Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C Datasheet
944Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
MIC2287C MICREL-MIC2287C_11 Datasheet
959Kb / 9P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF and Thin SOT-23
MIC2287 MICREL-MIC2287 Datasheet
111Kb / 10P
   1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com