Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZR431F Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZR431F
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZR431F Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZR431F Datasheet HTML 1Page - Zetex Semiconductors ZR431F Datasheet HTML 2Page - Zetex Semiconductors ZR431F Datasheet HTML 3Page - Zetex Semiconductors ZR431F Datasheet HTML 4Page - Zetex Semiconductors ZR431F Datasheet HTML 5Page - Zetex Semiconductors ZR431F Datasheet HTML 6Page - Zetex Semiconductors ZR431F Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZR431
TYPICAL CHARACTERISTICS
Gain v Frequency
Frequency (Hz)
Load Capacitance (F)
Stability Boundary Conditions
Time (
s)
Pulse Response
IZ
15k
VZ
Test Circuit for Open Loop Voltage Gain
8k25
9
F
230
+
-
IZ = 10mA, TA = 25°C
Test Circuit for Stability Boundary Conditions
Input
150
10k
Vref < VZ < 20, IZ = 10mA, TA = 25°C
VZ
IZ
Input Monitor
V
Z
Test Circuit for Pulse Response
220
50
Pulse
Generator
TA = 25°C
60
40
20
0
100
1k
10k
100k
1M
2.0
0
0
0.4
0.6
0.8
1.0
0.2
1.0
0
5.0
3.0
Repetitive pulse
Single pulse
VZ
INPUT
STABLE
STABLE
0
10p
20
40
60
80
100
100p
1000p
0.01

0.1

1

4-192
78


Similar Part No. - ZR431F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR431F DIODES-ZR431F Datasheet
114Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431F DIODES-ZR431F Datasheet
152Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431F005 DIODES-ZR431F005 Datasheet
114Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431F005 DIODES-ZR431F005 Datasheet
152Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431F005-7 DIODES-ZR431F005-7 Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results

Similar Description - ZR431F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZH431 DIODES-ZH431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 DIODES-ZR2431 Datasheet
101Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Texas Instruments
LM431 TI1-LM431_16 Datasheet
1Mb / 32P
[Old version datasheet]   Adjustable Precision Zener Shunt Regulator
logo
List of Unclassifed Man...
ZH431 ETC-ZH431 Datasheet
106Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com