Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZR431F Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZR431F
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZR431F Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZR431F Datasheet HTML 1Page - Zetex Semiconductors ZR431F Datasheet HTML 2Page - Zetex Semiconductors ZR431F Datasheet HTML 3Page - Zetex Semiconductors ZR431F Datasheet HTML 4Page - Zetex Semiconductors ZR431F Datasheet HTML 5Page - Zetex Semiconductors ZR431F Datasheet HTML 6Page - Zetex Semiconductors ZR431F Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ADJUSTABLE PRECISION
ZENER SHUNT REGULATOR
ISSUE 4 – SEPTEMBER 2000
ZR431
DEVICE DESCRIPTION
The ZR431 is a three terminal adjustable
s hunt re gulat or of f e ring e x c e l l ent
temperature stability and output current
handling capability up to 100mA. The output
voltage may be set to any chosen voltage
between 2.5 and 20 volts by selection of two
external divider resistors.
The devices can be used as a replacement
for zener diodes in many applications
re quiring an improvement i n z e ner
performance.
FEATURES
 Surface mount SO8, SOT223 and
SOT23 packages
 TO92 package
 2%, 1 % and 0.5% tolerance
 Max. temperature coefficient 55 ppm/°C
 Temperature compensated for operation
over the full temperature range
 Programmable output voltage
 50A to 100mA current sink capability
 Low output noise
APPLICATIONS
 Shunt regulator
 Series regulator
 Voltage monitor
 Over voltage/ under voltage protection
 Switch mode power supplies
V
Z
G
nd
V ref
SCHEMATIC DIAGRAM
4-189
78


Similar Part No. - ZR431F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR431F DIODES-ZR431F Datasheet
114Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431F DIODES-ZR431F Datasheet
152Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431F005 DIODES-ZR431F005 Datasheet
114Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431F005 DIODES-ZR431F005 Datasheet
152Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431F005-7 DIODES-ZR431F005-7 Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results

Similar Description - ZR431F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZH431 DIODES-ZH431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 DIODES-ZR2431 Datasheet
101Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Texas Instruments
LM431 TI1-LM431_16 Datasheet
1Mb / 32P
[Old version datasheet]   Adjustable Precision Zener Shunt Regulator
logo
List of Unclassifed Man...
ZH431 ETC-ZH431 Datasheet
106Kb / 7P
   ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com