Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP1212 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP1212
Description  12 LVPECL Output, High-Performance Clock Buffer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCLVP1212 Datasheet(HTML) 3 Page - Texas Instruments

  CDCLVP1212 Datasheet HTML 1Page - Texas Instruments CDCLVP1212 Datasheet HTML 2Page - Texas Instruments CDCLVP1212 Datasheet HTML 3Page - Texas Instruments CDCLVP1212 Datasheet HTML 4Page - Texas Instruments CDCLVP1212 Datasheet HTML 5Page - Texas Instruments CDCLVP1212 Datasheet HTML 6Page - Texas Instruments CDCLVP1212 Datasheet HTML 7Page - Texas Instruments CDCLVP1212 Datasheet HTML 8Page - Texas Instruments CDCLVP1212 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
CDCLVP1212
www.ti.com
SCAS886A – AUGUST 2009 – REVISED MAY 2010
ELECTRICAL CHARACTERISTICS: LVCMOS Input
(1)
At VCC = 2.375 V to 3.6 V and TA = –40°C to +85°C (unless otherwise noted).
CDCLVP1212
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN
Input frequency
200
MHz
External threshold voltage applied to
Vth
Input threshold voltage
1.1
1.8
V
complementary input
VIH
Input high voltage
Vth + 0.1
VCC
V
VIL
Input high voltage
0
Vth – 0.1
V
IIH
Input high current
VCC = 3.6 V, VIH = 3.6 V
40
mA
IIL
Input low current
VCC = 3.6 V, VIL = 0 V
–40
mA
ΔV/ΔT
Input edge rate
20% to 80%
1.5
V/ns
ICAP
Input capacitance
5
pF
(1)
Figure 3 and Figure 4 show dc test setup.
ELECTRICAL CHARACTERISTICS: Differential Input
(1)
At VCC = 2.375 V to 3.6 V and TA = –40°C to +85°C (unless otherwise noted).
CDCLVP1212
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN
Input frequency
Clock input
2000
MHz
fIN ≤ 1.5 GHz
0.1
1.5
V
VIN, DIFF, PP
Differential input peak-peak voltage
1.5 GHz
≤ fIN ≤ 2 GHz
0.2
1.5
V
VICM
Input common-mode level
1.0
VCC – 0.3
V
IIH
Input high current
VCC = 3.6 V, VIH = 3.6 V
40
mA
IIL
Input low current
VCC = 3.6 V, VIL = 0 V
–40
mA
ΔV/ΔT
Input edge rate
20% to 80%
1.5
V/ns
ICAP
Input capacitance
5
pF
(1)
Figure 5 and Figure 6 show dc test setup. Figure 7 shows ac test setup.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCLVP1212


Similar Part No. - CDCLVP1212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1216 TI1-CDCLVP1216 Datasheet
773Kb / 22P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1216RGZR TI1-CDCLVP1216RGZR Datasheet
773Kb / 22P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1216RGZT TI1-CDCLVP1216RGZT Datasheet
773Kb / 22P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP1212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106_16 Datasheet
1Mb / 33P
[Old version datasheet]   12-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com