Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP1212 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP1212
Description  12 LVPECL Output, High-Performance Clock Buffer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCLVP1212 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDCLVP1212 Datasheet HTML 5Page - Texas Instruments CDCLVP1212 Datasheet HTML 6Page - Texas Instruments CDCLVP1212 Datasheet HTML 7Page - Texas Instruments CDCLVP1212 Datasheet HTML 8Page - Texas Instruments CDCLVP1212 Datasheet HTML 9Page - Texas Instruments CDCLVP1212 Datasheet HTML 10Page - Texas Instruments CDCLVP1212 Datasheet HTML 11Page - Texas Instruments CDCLVP1212 Datasheet HTML 12Page - Texas Instruments CDCLVP1212 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
V
IL
V
IH
V
th
V
th
IN
IN
V
IHmax
V
ILmax
V
IHmin
V
ILmin
V
IH
V
IL
V
th
V
th
V
thmax
V
thmin
GND
V
CC
LVPECL
V
CC
V
CC
130 W
82 W
130 W
82 W
CDCLVP1212
CDCLVP1212
www.ti.com
SCAS886A – AUGUST 2009 – REVISED MAY 2010
TEST CONFIGURATIONS
This section describes the function of each block for the CDCLVP1212. Figure 3 through Figure 9 illustrate how
the device should be set up for a variety of test configurations.
Figure 3. DC-Coupled LVCMOS Input During Device Test
Figure 4. Vth Variation over LVCMOS Levels
Figure 5. DC-Coupled LVPECL Input During Device Test
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): CDCLVP1212


Similar Part No. - CDCLVP1212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1216 TI1-CDCLVP1216 Datasheet
773Kb / 22P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1216RGZR TI1-CDCLVP1216RGZR Datasheet
773Kb / 22P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1216RGZT TI1-CDCLVP1216RGZT Datasheet
773Kb / 22P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP1212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106_16 Datasheet
1Mb / 33P
[Old version datasheet]   12-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com