Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP1212 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP1212
Description  12 LVPECL Output, High-Performance Clock Buffer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCLVP1212 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCLVP1212 Datasheet HTML 3Page - Texas Instruments CDCLVP1212 Datasheet HTML 4Page - Texas Instruments CDCLVP1212 Datasheet HTML 5Page - Texas Instruments CDCLVP1212 Datasheet HTML 6Page - Texas Instruments CDCLVP1212 Datasheet HTML 7Page - Texas Instruments CDCLVP1212 Datasheet HTML 8Page - Texas Instruments CDCLVP1212 Datasheet HTML 9Page - Texas Instruments CDCLVP1212 Datasheet HTML 10Page - Texas Instruments CDCLVP1212 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
CDCLVP1212
www.ti.com
SCAS886A – AUGUST 2009 – REVISED MAY 2010
PIN DESCRIPTIONS
CDCLVP1212 Pin Descriptions
TERMINAL
TERMINAL
PULL-UP/
NAME
NO.
TYPE
PULLDOWN
DESCRIPTION
5, 6, 11, 20,
VCC
Power
2.5-V/3.3-V supplies for the device
31, 40
GND
21, 30
Ground
Device grounds
INP0, INN0
9, 8
Input
Differential input pair or single-ended input. Unused input pair can be left floating.
Redundant differential input pair or single-ended input. Unused input pair can be
INP1, INN1
2, 3
Input
left floating.
OUTP11,
38, 39
Output
Differential LVPECL output pair no. 11. Unused output pair can be left floating.
OUTN11
OUTP10,
36, 37
Output
Differential LVPECL output pair no. 10. Unused output pair can be left floating.
OUTN10
OUTP9,
34, 35
Output
Differential LVPECL output pair no. 9. Unused output pair can be left floating.
OUTN9
OUTP8,
32, 33
Output
Differential LVPECL output pair no. 8. Unused output pair can be left floating.
OUTN8
OUTP7,
28, 29
Output
Differential LVPECL output pair no. 7. Unused output pair can be left floating.
OUTN7
OUTP6,
26, 27
Output
Differential LVPECL output pair no. 6. Unused output pair can be left floating.
OUTN6
OUTP5,
24, 25
Output
Differential LVPECL output pair no. 5. Unused output pair can be left floating.
OUTN5
OUTP4,
22, 23
Output
Differential LVPECL output pair no. 4. Unused output pair can be left floating.
OUTN4
OUTP3,
18, 19
Output
Differential LVPECL output pair no. 3. Unused output pair can be left floating.
OUTN3
OUTP2,
16, 17
Output
Differential LVPECL output pair no. 2. Unused output pair can be left floating.
OUTN2
OUTP1,
14, 15
Output
Differential LVPECL output pair no. 1. Unused output pair can be left floating.
OUTN1
OUTP0
12, 13
Output
Differential LVPECL output pair no. 0. Unused output pair can be left floating.
OUTN0
Pulldown
IN_SEL
1
Input
MUX select input for input choice (see Table 2)
(see Table 1)
Bias voltage output for capacitive coupled inputs. If used, it is recommended to
VAC_REF
7
Output
use a 0.1-mF capacitor to GND on this pin. The output current is limited to 2 mA.
NC
4, 10
Do not connect
Table 1. Pin Characteristics
PARAMETER
MIN
TYP
MAX
UNITS
RPULLDOWN
Input pulldown resistor
150
k
Table 2. Input Selection Table
IN_SEL
ACTIVE CLOCK INPUT
0
INP0, INN0
1
INP1, INN1
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CDCLVP1212


Similar Part No. - CDCLVP1212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1216 TI1-CDCLVP1216 Datasheet
773Kb / 22P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1216RGZR TI1-CDCLVP1216RGZR Datasheet
773Kb / 22P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1216RGZT TI1-CDCLVP1216RGZT Datasheet
773Kb / 22P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP1212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106_16 Datasheet
1Mb / 33P
[Old version datasheet]   12-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com