Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TX9.7-4.8-4 Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # TX9.7-4.8-4
Description  Alloy powder toroids
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TX9.7-4.8-4 Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  TX9.7-4.8-4 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TX9.7-4.8-4 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TX9.7-4.8-4 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008 Sep 01
1821
Ferroxcube
Alloy powder toroids
TX9.7/4.8/4
RING CORES (TOROIDS)
Effective core parameters
Coating
The cores are coated with epoxy. The colour is cream
(Sendust), grey (MPP) or khaki (High-Flux).
Maximum operating temperature is 200
°C.
Parylene coating is also available (transparent,
maximum operating temperature 130
°C).
Isolation voltage
AC isolation voltage : 1000 V (Parylene : 750 V).
Contacts are applied on the edge of the ring core, which is
also the critical point for the winding operation.
SYMBOL
PARAMETER
VALUE UNIT
Σ(I/A)
core factor (C1)
2.31
mm−1
Ve
effective volume
206
mm3
Ie
effective length
21.8
mm
Ae
effective area
9.45
mm2
m
mass of core
(for
µi 125)
MPP
1.80
g
Sendust
1.44
g
High-Flux 1.70
g
MFP155
coating EPOXY
4.28
± 0.32
(0.16)
9.97
± 0.32
4.52
± 0.26
Fig.1 TX9.7/4.8/4 ring core.
Dimensions in mm.
GRADE
AL
(nH)
µi
B (mT) at
CORE LOSS (W) at
TYPE NUMBER
H = 100 kA/m;
f = 10 kHz; T = 25
°C
f = 100 kHz;
= 100 mT;T = 25
°C
MPP
7
± 8 %
14
≥ 640
0.309
TX9.7/4-M2-A7
14
± 8 %
26
≥ 700
0.247
TX9.7/4-M2-A14
32
± 8 %
60
≥ 760
0.155
TX9.7/4-M2-A32
66
± 8 %
125
≥ 800
0.155
TX9.7/4-M2-A66
78
± 8 %
147
≥ 800
0.165
TX9.7/4-M2-A78
84
± 8 %
160
≥ 800
0.165
TX9.7/4-M2-A84
92
± 8 %
173
≥ 800
0.165
TX9.7/4-M2-A92
105
± 8 %
200
≥ 800
0.309
TX9.7/4-M2-A105
159
± 8 %
300
≥ 800
0.309
TX9.7/4-M2-A159
Sendust
32
± 12 %
60
≥ 1030
0.176
TX9.7/4-S7-A32
40
± 12 %
75
≥ 1040
0.176
TX9.7/4-S7-A40
48
± 12 %
90
≥ 1050
0.176
TX9.7/4-S7-A48
66
± 12 %
125
≥ 1060
0.176
TX9.7/4-S7-A66
High-Flux
7
± 8 %
14
≥ 890
0.515
TX9.7/4-H2-A7
14
± 8 %
26
≥ 980
0.412
TX9.7/4-H2-A14
32
± 8 %
60
≥ 1280
0.371
TX9.7/4-H2-A32
66
± 8 %
125
≥ 1370
0.412
TX9.7/4-H2-A66
78
± 8 %
147
≥ 1385
0.451
TX9.7/4-H2-A78
84
± 8 %
160
≥ 1400
0.721
TX9.7/4-H2-A84
B
ˆ


Similar Part No. - TX9.7-4.8-4

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TX9.7-4.8-3.2 FERROXCUBE-TX9.7-4.8-3.2 Datasheet
44Kb / 3P
   Alloy powder toroids
More results

Similar Description - TX9.7-4.8-4

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TX57-36-14 FERROXCUBE-TX57-36-14 Datasheet
44Kb / 3P
   Alloy powder toroids
TX6.6-2.7-4.8 FERROXCUBE-TX6.6-2.7-4.8 Datasheet
43Kb / 3P
   Alloy powder toroids
TX11-6.4-4 FERROXCUBE-TX11-6.4-4 Datasheet
44Kb / 3P
   Alloy powder toroids
TX3.6-1.8-1.5 FERROXCUBE-TX3.6-1.8-1.5 Datasheet
43Kb / 3P
   Alloy powder toroids
TX27-15-11 FERROXCUBE-TX27-15-11 Datasheet
43Kb / 3P
   Alloy powder toroids
TX57-26-15 FERROXCUBE-TX57-26-15 Datasheet
43Kb / 3P
   Alloy powder toroids
TX78-49-13 FERROXCUBE-TX78-49-13 Datasheet
44Kb / 3P
   Alloy powder toroids
TX20-13-6.4 FERROXCUBE-TX20-13-6.4 Datasheet
44Kb / 3P
   Alloy powder toroids
TX34-23-8.9 FERROXCUBE-TX34-23-8.9 Datasheet
43Kb / 3P
   Alloy powder toroids
TX3.9-2.2-2.5 FERROXCUBE-TX3.9-2.2-2.5 Datasheet
43Kb / 3P
   Alloy powder toroids
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com