Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMC423 Datasheet(PDF) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMC423
Description  Triple Incremental Encoder Interface and Companion IC for the TMC428
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMC423 Datasheet(HTML) 1 Page - TRINAMIC Motion Control GmbH & Co. KG.

  TMC423 Datasheet HTML 1Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INTEGRATED CIRCUITS
INTERFACE CONTROLLER
INFO
M A IN CH A R AC T ER IS T ICS
www.trinamic.com – for detailed information and datasheets
TMC
423
Triple Incremental
Encoder Interface and
Companion IC for the TMC428
The TMC423 is a triple incremental encoder input chip, which
interfaces to any SPI™ compatible controller. It integrates 24 bit
counters – one for each encoder – to provide a high position
resolution without CPU interaction. The TMC423 is intended as a
companion chip for the TMC428 but not limited to this. Both ICs
together enable the realization of a motion control system of
three axis with encoder feedback. This provides position verifica-
tion or stabilization by implementation of some additional soft-
ware. Further, the TMC423 allows dynamic resolution adaptation
for direct comparison of encoder counters with motors using
different micro step resolution.
All encoder counters can be latched synchronously, or whenever
a null channel event occurs, providing a position on strobe
holding function. The TMC423 also provides a step / direction
output with programmable signal shaping for the TMC428
as well as a multiplexer function for the TMC428 reference
switches. Additionally, the TMC423 can drive an LED matrix and
read out a switch matrix, to support systems with keyboard user
interaction.
incremental encoder interface for three
2 or 3 channel encoders
TMC428 step / direction interface
extension
TMC428 reference switch interface
TMC428 interrupt de-multiplexer
control of LED 6 x 4 Matrix
control of key 6 x 4 matrix
INTERFACE
SPI interface to microcontroller
ELECTRICAL
DATA
2.5V and 5V supply required
20mA LED driver outputs
5V CMOS / TTL compatible IOs
PACKAGE
TQFP100
RoHS compliant
ORDER CODE
DESCRIPTION
TMC423
3-axis encoder interface TQFP100 package
TMC423
3x
Encoder
Interface
SPI
3x
step/dir
converter
Matrix
control
3x
Driver
step/dir
1-3
Encoder
6x4 LED
6x4 Key
Ref.
Demux
stop
switches
6
3
REF
switches
1-3
Encoder
3x
Encoder
3
µC
3x
Driver
step/dir
3x
Driver
step/dir
Motion
Controller
e.g. TMCM428
SPI
to µC
10


Similar Part No. - TMC423

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC423 TRINAMIC-TMC423 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
More results

Similar Description - TMC423

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
Serial Triple Incremental Encoder Interface
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
Serial Triple Incremental Encoder Interface
logo
List of Unclassifed Man...
PE12316 ETC-PE12316 Datasheet
1Mb / 29P
Triple Incremental Encoder
logo
Texas Instruments
THCT12016 TI-THCT12016 Datasheet
1Mb / 25P
INCREMENTAL ENCODER INTERFACE
logo
TRINAMIC Motion Control...
TMC4330A TRINAMIC-TMC4330A Datasheet
3Mb / 166P
Encoder interface for incremental or serial encoders.
logo
WAGO Kontakttechnik Gmb...
750-631-000-010 WAGO-750-631-000-010 Datasheet
372Kb / 10P
Incremental encoder interface; 5 ??24 VDC
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com