Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-611 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # L-611
Description  Leads are #21 AWG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-611 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  L-611 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 OF 1
10/19/00
L-611
www.rhombus-ind.com
SIDE VIEW
1.20
(30.5)
MIN.
45
o
45
o
2
3
4
BOTTOM VIEW
1
45
o
45
o
.400
(10.16)
0.100
.745
(18.92)
.715
(18.16)
1.20
(30.5)
MIN.
.745
(18.92)
.715
(18.16)
Leads are #21 AWG (.0285)
Holes: .0285


Similar Part No. - L-611

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-61100 RHOMBUS-IND-L-61100 Datasheet
17Kb / 1P
Radial Lead Mini Inductors
L-61101 RHOMBUS-IND-L-61101 Datasheet
17Kb / 1P
Radial Lead Mini Inductors
L-61102 RHOMBUS-IND-L-61102 Datasheet
17Kb / 1P
Radial Lead Mini Inductors
L-61103 RHOMBUS-IND-L-61103 Datasheet
17Kb / 1P
Radial Lead Mini Inductors
L-61104 RHOMBUS-IND-L-61104 Datasheet
17Kb / 1P
Radial Lead Mini Inductors
More results

Similar Description - L-611

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BU-P4970 ETC2-BU-P4970 Datasheet
142Kb / 1P
BNC (Male) Breakout to 20 Awg Leads
BU-P4969 ETC2-BU-P4969 Datasheet
154Kb / 1P
BNC (Female) Breakout to 20 Awg Leads
logo
Pomona Electronics
4969 POMONA-4969 Datasheet
29Kb / 1P
BNC (Female & Male) To 20 AWG Leads
logo
Pasternack Enterprises,...
PE9908 PASTERNACK-PE9908 Datasheet
109Kb / 1P
BREAKOUT, BNC MALE TO UN-TERMINATED #18 AWG LEADS
PE9917 PASTERNACK-PE9917 Datasheet
108Kb / 1P
BREAKOUT, BNC FEMALE TO UN-TERMINATED #18 AWG LEADS
logo
Molex Electronics Ltd.
2163011115 MOLEX-2163011115 Datasheet
83Kb / 1P
MX150 F-S 450MM 16 AWG LEADS BK Sn
2021/01/06
2163031213 MOLEX-2163031213 Datasheet
81Kb / 1P
MX150 M-S 225MM 16 AWG LEADS BK Au
2021/01/06
2163012213 MOLEX-2163012213 Datasheet
83Kb / 1P
MX150 F-S 225MM 16 AWG LEADS RD Au
2021/01/06
2163021223 MOLEX-2163021223 Datasheet
85Kb / 1P
MX150 M-M 225MM 14 AWG LEADS BK Au
2021/01/06
2163032204 MOLEX-2163032204 Datasheet
81Kb / 1P
MX150 M-S 300MM 18 AWG LEADS RD Au
2021/01/06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com