Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TN12-2P40 Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # TN12-2P40
Description  Iron powder toroids
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

TN12-2P40 Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  TN12-2P40 Datasheet HTML 1Page - Ferroxcube International Holding B.V. TN12-2P40 Datasheet HTML 2Page - Ferroxcube International Holding B.V. TN12-2P40 Datasheet HTML 3Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2008 Sep 01
1890
Ferroxcube
Iron powder toroids
TN12/8.4/4
DATA SHEET STATUS DEFINITIONS
DISCLAIMER
Life support applications
 These products are not designed for use in life support appliances, devices, or systems
where malfunction of these products can reasonably be expected to result in personal injury. Ferroxcube customers
using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Ferroxcube
for any damages resulting from such application.
PRODUCT STATUS DEFINITIONS
DATA SHEET
STATUS
PRODUCT
STATUS
DEFINITIONS
Preliminary
specification
Development
This data sheet contains preliminary data. Ferroxcube reserves the right to
make changes at any time without notice in order to improve design and
supply the best possible product.
Product specification
Production
This data sheet contains final specifications. Ferroxcube reserves the right
to make changes at any time without notice in order to improve design and
supply the best possible product.
STATUS
INDICATION
DEFINITION
Prototype
These are products that have been made as development samples for the purposes of
technical evaluation only. The data for these types is provisional and is subject to
change.
Design-in
These products are recommended for new designs.
Preferred
These products are recommended for use in current designs and are available via our
sales channels.
Support
These products are not recommended for new designs and may not be available
through all of our sales channels. Customers are advised to check for availability.


Similar Part No. - TN12-2P40

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN12 STMICROELECTRONICS-TN12 Datasheet
122Kb / 11P
   SENSITIVE & STANDARD(12A SCRs)
TN12 STMICROELECTRONICS-TN12 Datasheet
153Kb / 12P
   Sensitive and Standard 12 A SCRS
TN1200 STMICROELECTRONICS-TN1200 Datasheet
286Kb / 16P
   package description and recommendations for use
TN1201 STMICROELECTRONICS-TN1201 Datasheet
233Kb / 13P
   To ease the development of STM32 microcontroller applications
TN1204 STMICROELECTRONICS-TN1204 Datasheet
751Kb / 15P
   Tape and reel shipping media for STM32 microcontrollers in BGA packages
More results

Similar Description - TN12-2P40

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TN20-13-6 FERROXCUBE-TN20-13-6 Datasheet
45Kb / 3P
   Iron powder toroids
TN24-15-7.5 FERROXCUBE-TN24-15-7.5 Datasheet
46Kb / 3P
   Iron powder toroids
TN27-15-11 FERROXCUBE-TN27-15-11 Datasheet
46Kb / 3P
   Iron powder toroids
TN7.5-2P40 FERROXCUBE-TN7.5-2P40 Datasheet
47Kb / 3P
   Iron powder toroids
TN33-20-11 FERROXCUBE-TN33-20-11 Datasheet
46Kb / 3P
   Iron powder toroids
TN17-2P40 FERROXCUBE-TN17-2P40 Datasheet
46Kb / 3P
   Iron powder toroids
TX57-36-14 FERROXCUBE-TX57-36-14 Datasheet
44Kb / 3P
   Alloy powder toroids
TX6.6-2.7-4.8 FERROXCUBE-TX6.6-2.7-4.8 Datasheet
43Kb / 3P
   Alloy powder toroids
TX11-6.4-4 FERROXCUBE-TX11-6.4-4 Datasheet
44Kb / 3P
   Alloy powder toroids
TX20-13-6.4 FERROXCUBE-TX20-13-6.4 Datasheet
44Kb / 3P
   Alloy powder toroids
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com