Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CIM-150F7RV Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CIM-150F7RV
Description  Infrared IrDA Compliant Transceiver
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CIM-150F7RV Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CIM-150F7RV Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
140
●諸特性/Characteristics
●電気的光学的特性/Electro-optical characteristics
(Ta 25℃)
●外形寸法図/Outline drawing
単位/Unit : mm
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
トランシーバー
Transceiver
受光部
Light sensing
portion
発光部
Light emitting
portion
100
50
0
050
100
150
200
250
300
IF(mA)
IF-Ie
特性(α=0˚, Hight Power Mode時)
IF-Ie characteristics (
α=0E, Hight Power Mode)
50
250
150
100
200
0
33.5
4
4.5
5
LEDA(V)
LED
駆動電流(IFled2)特性
LED
driving current (IFled2) characteristics
Item
Symbol
Conditions
Min
Typ
Max Unit
電源電圧
VCC
-2.4
-
3.6
V
Power supply voltage
LEDA入力電圧
VLEDA
-2.4
-
6.0
V
LEDA input voltage
通信レート
--
0.0096
-4.0 Mbps
Communications rate
消費電流
ICC
MIR/FIR時/At MIR/FIR
-1.0
-
mA
Current drawn
SIR時/At SIR
-
450
-
μA
Power Down電流
Iccsd
SD=VCC
-0.01
1
μA
Power-down current
放射強度
Ie
IF≒150mA
10
-
300 mW/sr
Emission strength
ピーク発光波長
λp
-
875 888 900
nm
Peak emission wavelength
最小受光感度
SIR時/At SIR
--
8.1 μW/cm2
inimum receiving sensitivity
Eemin
MIR時/At MIR
--
20.0 μW/cm2
FIR時/At FIR
--
20.0 μW/cm2
最大受光感度
Eemax
α=0°
500
-
-
mW/cm2
Maximum receiving sensitivity
レイテンシー
TL
--
-
100
μs
Latency
CIM-150F7RV INEW
●諸特性/Characteristics
●電気的光学的特性/Electro-optical characteristics
(Ta 25℃)
●外形寸法図/Outline drawing
単位/Unit : mm
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
トランシーバー
Transceiver
受光部
Light sensing
portion
発光部
Light emitting
portion
100
50
0
050
100
150
200
250
300
IF(mA)
IF-Ie
特性(α=0˚, Hight Power Mode時)
IF-Ie characteristics (
α=0E, Hight Power Mode)
50
250
150
100
200
0
33.5
4
4.5
5
LEDA(V)
LED
駆動電流(IFled2)特性
LED
driving current (IFled2) characteristics
Item
Symbol
Conditions
Min
Typ
Max Unit
電源電圧
VCC
-2.4
-
3.6
V
Power supply voltage
LEDA入力電圧
VLEDA
-2.4
-
6.0
V
LEDA input voltage
通信レート
--
0.0096
-4.0 Mbps
Communications rate
消費電流
ICC
MIR/FIR時/At MIR/FIR
-1.0
-
mA
Current drawn
SIR時/At SIR
-
450
-
μA
Power Down電流
Iccsd
SD=VCC
-0.01
1
μA
Power-down current
放射強度
Ie
IF≒150mA
10
-
300 mW/sr
Emission strength
ピーク発光波長
λp
-
875 888 900
nm
Peak emission wavelength
最小受光感度
SIR時/At SIR
--
8.1 μW/cm2
inimum receiving sensitivity
Eemin
MIR時/At MIR
--
20.0 μW/cm2
FIR時/At FIR
--
20.0 μW/cm2
最大受光感度
Eemax
α=0°
500
-
-
mW/cm2
Maximum receiving sensitivity
レイテンシー
TL
--
-
100
μs
Latency
CIM-155F7RV2 INEW
6.25
2.459
2.159
3.125
3.125
マウント中心
0.55
2.55
2.55
P0.85
×6=5.1
(6)
(7)(5)(4)(3)(2)(1)
(1)LEDA
(2)RXD
(3)GND
(4)SD
(5)TXH(IrDA)
(6)Vcc
(7)TXH(RC)
発光中心
受光中心
Mounting center
Light receiving center
Light emission
center
ロット番号
Lot No.
マウント中心
Mounting center
0.55
2.55
P0.85
×6=5.1
ベタアース
Grounded wholly
3.125
2.459
2.159
3.125
6.25
マウント中心
0.55
2.55
2.55
2.55
2.55
P0.85
×6=5.1
(6)
(7)
(9)
(5)(4)(3)(2)(1)
(8)
(1)LEDA
(2)RXD
(3)GND
(4)SD
(5)TXL
(6)Vcc
(7)TXH
(8)GND
(9)GND
発光中心
受光中心
Mounting center
Light receiving center
Light emission
center
マウント中心
Mounting center
0.55
2.55
2.55
2.55
P0.85
×6=5.1


Similar Part No. - CIM-150F7RV

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
429Kb / 1P
   Infrared IrDA Compliant Transceiver
More results

Similar Description - CIM-150F7RV

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-131M7 CITIZEN-CIM-131M7 Datasheet
296Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51M7 CITIZEN-CIM-51M7 Datasheet
305Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-1000 HP-HSDL-1000 Datasheet
159Kb / 10P
   Infrared IrDA Compliant Transceiver
HSDL-1001 HP-HSDL-1001 Datasheet
152Kb / 8P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-51M7T CITIZEN-CIM-51M7T Datasheet
429Kb / 1P
   Infrared IrDA Compliant Transceiver
CIM-51S12RV CITIZEN-CIM-51S12RV Datasheet
322Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-2100 HP-HSDL-2100 Datasheet
119Kb / 16P
   Infrared IrDA Compliant Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-123S13R CITIZEN-CIM-123S13R Datasheet
302Kb / 1P
   Infrared IrDA Compliant Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
   IrDA Data Compliant 115.2 kbps Infrared Transceiver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com