Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R-0311-D Datasheet(PDF) 2 Page - Schurter Inc.

Part # R-0311-D
Description  Power Cord with IEC Connector C13, Angled
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

R-0311-D Datasheet(HTML) 2 Page - Schurter Inc.

  R-0311-D Datasheet HTML 1Page - Schurter Inc. R-0311-D Datasheet HTML 2Page - Schurter Inc. R-0311-D Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Cord Sets
03
www.schurter.com/pg07_2
Connectors
Config. Code
Product Configurator
Type
|-|R|-|0311|-|D|-|Length|
The characters are placeholders for the correspondingly keys of selections from the key tables.
Typ is placed for the connector type on the second end, length is the cord length in mm.
Type
|-|R|-|0311|-|D|-|Length| = Cord end 2
Cord end 2
zzzz, 0607, 0608, 0609, 1140, 2343, 422U, 4250, 4310, 4321, 4370, 4390
Type
|-|R|-|0311|-|D|-|Length| = cord type
cord type
Configuration
key
H03VV-F 3G0,75mm2
C
H05VV-F 3G0,75mm2
G
H05VV-F 3G1,0mm2
I
SVT 3x18AWG
N
SJT 3x18AWG
P
special cord
Z
Cord definition is detailed in general product information XXX
Type
|-|R|-|0311|-|D|-|Length| = Color
Color
Configuration
key
jet black; RAL9005
A
silver grey; RAL7001
B
standard color: black
Type
|-|R|-|0311|-|D|-|Length| = Cord length
Cord length
zzzz, 001500, 002000, 002500, 005000
Cord length in mm
Variants
Config. Code
Description
Order Number
zzzz-I-0311-B-002500
0311, IEC Power Cord C13, 70°C, version: Protection Class 1, cord type: H05VV-F 3G1,0mm2, cord end: zzzz, color: silver grey;
RAL7001, cord lenght in mm: 002500
6051.0067
The listet variants should be available from stock Other versions on request www.schurter.com/contact
Packaging unit
100 Pcs
Mating Inlets/Plugs
Category / Description
Appliance Inlet Overview complete
IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
0711
IEC Appliance Inlet C14, Screw-on Mounting, Rear Side, PCB Terminal
1001
IEC Appliance Inlet C18, Screw-on Mounting, Rear Side, PCB Terminal
1005
IEC Appliance Inlet C14, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
6010
IEC Appliance Inlet C18, Snap-in Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
6015
Appliance Inlet further types to 0311
...
Distribution Unit Overview complete
Distribution Unit for Snap-in Mounting with 1 IEC Appliance Inlet C14 and 1 Appliance Outlet F
0712
Distribution Unit with 1 IEC Appliance Inlet C14 or Power Cord, 4 IEC Appliance Outlets F and Extra Components
4740
Distribution Unit with 1 IEC Appliance Inlet C14 and 2 Appliance Outlets F, Shuttered
4741
Distribution Unit with 1 IEC Appliance Inlet C14 and 4 Appliance Outlets F
4747
Distribution Unit further types to 0311
Interconnection Cord Overview complete
Interconnection Cord with IEC Plug E, Angled
0607
Interconnection Cord with IEC Plug E, Angled
0608
Interconnection Cord with IEC Plug E, Straight
0609
Interconnection Cord with IEC Plug G, Angled
607B
Interconnection Cord with IEC Plug G, Angled
608B
Interconnection Cord further types to 0311
...


Similar Part No. - R-0311-D

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
R-0301-D SCHURTER-R-0301-D Datasheet
265Kb / 2P
   Power Cord with IEC Connector C17, Angled
More results

Similar Description - R-0311-D

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3011 SCHURTER-3011 Datasheet
379Kb / 3P
   Power Cord with IEC Connector C13, Angled
3013 SCHURTER-3013 Datasheet
412Kb / 3P
   Power Cord with IEC Connector C13, Angled
3012 SCHURTER-3012 Datasheet
385Kb / 3P
   Power Cord with IEC Connector C13, Angled
311L SCHURTER-311L Datasheet
384Kb / 3P
   Power Cord with IEC Connector C13, Angled
6000.0224 SCHURTER-6000.0224_18 Datasheet
301Kb / 3P
   Power Supply Cord with IEC Connector C13 angled, stripped end
6000.0224 SCHURTER-6000.0224_V01 Datasheet
320Kb / 3P
   Power Supply Cord with IEC Connector C13 angled, stripped end
3020 SCHURTER-3020 Datasheet
371Kb / 3P
   Power Cord with IEC Connector C13
6051.2188 SCHURTER-6051.2188 Datasheet
341Kb / 3P
   UK Power Supply Cord with IEC Connector C13, V-Lock, angled
6051.2008 SCHURTER-6051.2008 Datasheet
341Kb / 3P
   UK Power Supply Cord with IEC Connector C13, V-Lock, angled
6051.2068 SCHURTER-6051.2068 Datasheet
281Kb / 3P
   UK Power Supply Cord with IEC Connector C13, V-Lock, angled
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com