Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R-0311-D Datasheet(PDF) 1 Page - Schurter Inc.

Part # R-0311-D
Description  Power Cord with IEC Connector C13, Angled
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

R-0311-D Datasheet(HTML) 1 Page - Schurter Inc.

  R-0311-D Datasheet HTML 1Page - Schurter Inc. R-0311-D Datasheet HTML 2Page - Schurter Inc. R-0311-D Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Cord Sets
03
www.schurter.com/pg07_2
Connectors
Power Cord with IEC Connector C13, Angled
C13
70° C
Description
Power Supply Cord / Interconnection Cord, Protection class I, Pin tem-
perature 70 °C, Cable
Approvals
- UL License Number: E45116
- CSA License Number: 27325
References
General Product Information
Weblinks
Approvals, RoHS, CHINA-RoHS, Mating Connectors, e-Store,
Distributor-Stock-Check, Accessories
Technical Data
Ratings IEC
10 A / 250 VAC; 50 Hz
Ratings UL/CSA
15 A / 250 VAC; 60 Hz
Dielectric Strength
> 2 kVDC between L-N
> 2 kVAC between L/N-PE
(1 min/50 Hz)
Allowable Operation Temp.
-25 °C to 70 °C
Degree of Protection
from front side IP 20 acc. to IEC 60529
Protection Class
Suitable for appliances with protection
class 1 acc. to IEC 61140
Terminal
moulded
Material: Housing
PVC, black or grey
Connector
C13 acc. to IEC/EN 60320-2-2
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C, 10 A,
Protection Class 1
Dimensions
45 mm
18.2
38
ø 10


Similar Part No. - R-0311-D

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
R-0301-D SCHURTER-R-0301-D Datasheet
265Kb / 2P
   Power Cord with IEC Connector C17, Angled
More results

Similar Description - R-0311-D

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
3011 SCHURTER-3011 Datasheet
379Kb / 3P
   Power Cord with IEC Connector C13, Angled
3013 SCHURTER-3013 Datasheet
412Kb / 3P
   Power Cord with IEC Connector C13, Angled
3012 SCHURTER-3012 Datasheet
385Kb / 3P
   Power Cord with IEC Connector C13, Angled
311L SCHURTER-311L Datasheet
384Kb / 3P
   Power Cord with IEC Connector C13, Angled
6000.0224 SCHURTER-6000.0224_18 Datasheet
301Kb / 3P
   Power Supply Cord with IEC Connector C13 angled, stripped end
6000.0224 SCHURTER-6000.0224_V01 Datasheet
320Kb / 3P
   Power Supply Cord with IEC Connector C13 angled, stripped end
3020 SCHURTER-3020 Datasheet
371Kb / 3P
   Power Cord with IEC Connector C13
6051.2188 SCHURTER-6051.2188 Datasheet
341Kb / 3P
   UK Power Supply Cord with IEC Connector C13, V-Lock, angled
6051.2008 SCHURTER-6051.2008 Datasheet
341Kb / 3P
   UK Power Supply Cord with IEC Connector C13, V-Lock, angled
6051.2068 SCHURTER-6051.2068 Datasheet
281Kb / 3P
   UK Power Supply Cord with IEC Connector C13, V-Lock, angled
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com