Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UUSP16-303 Datasheet(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

Part # UUSP16-303
Description  DC COMMON MODE CHOKES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

UUSP16-303 Datasheet(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

  UUSP16-303 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
l SPECIFICATIONS
PART NO
INDUCTANCE
(1-2)(4-3)@1KHz
INDUCTANCE
BALANCE
DCR(1-2)(3-4)
@20℃
RATED CURRENT
(50/60Hz)
UUSP16-152
1.5mH MIN.
40
μH MAX.
125m
ΩMAX.
1.9A
UUSP16-402
4.0mH MIN.
60
μH MAX.
270m
ΩMAX.
1.2A
UUSP16-802
8.0mH MIN.
80
μH MAX.
0.46
ΩMAX.
0.9A
UUSP16-203
20mH MIN.
150
μH MAX.
1.6
ΩMAX.
0.5A
UUSP16-303
30mH MIN.
200
μH MAX.
2.5
ΩMAX.
0.4A
l SCHEMATICS
DFUU SERIES
DC COMMON MODE CHOKES
MECHANICALS
CONSTRUCTION
10.0
4.2
20.0MAX
28.5
4.5
4
3
2
4
2
3
or
l FEATURE
At common mode choke coil which has excellent
attention characteristics in low frequency band
l APPLICATIONS
VCRS COLOR TVS
特性
它具有普通扼流圈在低頻方面
很好的特性
用途
錄像機 彩色電視監控系統
l PART NUMBERING SYSTEM (品名規定)
D F U U
1 6
-
1 5 2
1
2
3
DC COMMON
DIMENSIONS
INDUTANCE
MODE CHOKES
CORE DIM
15*10
2=1500uH
直插式线性滤波器
(UU 型磁芯)
磁芯尺寸型号
電感值
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
60


Similar Part No. - UUSP16-303

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UUSB-MB5 ETC2-UUSB-MB5 Datasheet
856Kb / 6P
USB to Serial UART Bridge Converter
UUSB-PA5 ETC2-UUSB-PA5 Datasheet
618Kb / 7P
microUSB Programming Adaptor
More results

Similar Description - UUSP16-303

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
BM1012LF SUMIDA-BM1012LF Datasheet
162Kb / 1P
DC COMMON MODE CHOKES
CPFC805 SUMIDA-CPFC805 Datasheet
126Kb / 1P
DC Common Mode Chokes
CPFC6D36 SUMIDA-CPFC6D36 Datasheet
124Kb / 1P
DC Common Mode Chokes
CPFC11D60 SUMIDA-CPFC11D60 Datasheet
128Kb / 1P
DC Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
COMMON MODE CHOKES
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
Common Mode Chokes
logo
Sumida Corporation
CPFC11D60 SUMIDA-CPFC11D60_15 Datasheet
181Kb / 2P
DC Common Mode Chokes
CPFC6D36 SUMIDA-CPFC6D36_17 Datasheet
178Kb / 1P
DC Common Mode Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com