Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFP50N06 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFP50N06
Description  60V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFP50N06 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFP50N06 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFP50N06 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFP50N06 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFP50N06 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFP50N06 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFP50N06 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFP50N06 Datasheet HTML 7Page - SemiHow Co.,Ltd. HFP50N06 Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
◎ SEMIHOW REV.A0,July 2005
2
1
3
BV
DSS = 60 V
R
DS(on) = 18 mΩ
I
D = 50 A
 Originative New Design
 Superior Avalanche Rugged Technology
 Robust Gate Oxide Technology
 Very Low Intrinsic Capacitances
 Excellent Switching Characteristics
 Unrivalled Gate Charge : 40 nC (Typ.)
 Extended Safe Operating Area
 Lower R
DS(ON) : 0.018 Ω (Typ.) @VGS=10V
 100% Avalanche Tested
Thermal Resistance Characteristics
FEATURES
Absolute Maximum Ratings
T
C=25℃ unless otherwise specified
TO-220
1.Gate 2. Drain 3. Source
HFP50N06
60V N-Channel MOSFET
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
60
V
I
D
Drain Current
– Continuous (T
C = 25℃)
50
A
Drain Current
– Continuous (T
C = 100℃)
35.4
A
I
DM
Drain Current
– Pulsed
(Note 1)
200
A
V
GS
Gate-Source Voltage
±25
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
490
mJ
I
AR
Avalanche Current
(Note 1)
50
A
E
AR
Repetitive Avalanche Energy
(Note 1)
12
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
7.0
V/ns
P
D
Power Dissipation (T
C = 25℃)
- Derate above 25℃
120
W
0.8
W/℃
T
J, TSTG
Operating and Storage Temperature Range
-55 to +175
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
--
1.24
℃/W
RθCS
Case-to-Sink
0.5
--
RθJA
Junction-to-Ambient
--
62.5
July 2005


Similar Part No. - HFP50N06

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HFP50N06 HUASHAN-HFP50N06 Datasheet
297Kb / 5P
   N-Channel MOSFET
logo
Thinki Semiconductor Co...
HFP50N06 THINKISEMI-HFP50N06 Datasheet
1Mb / 6P
   50A,60V Heatsink Planar N-Channel Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
HFP50N06 DOINGTER-HFP50N06 Datasheet
1Mb / 3P
   N-Channel MOSFET uses advanced trench technology
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A Datasheet
306Kb / 7P
   60V N-Channel MOSFET
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
More results

Similar Description - HFP50N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3460 AOSMD-AO3460_10 Datasheet
168Kb / 4P
   60V N-Channel MOSFET
AOB462L AOSMD-AOB462L Datasheet
445Kb / 6P
   60V N-Channel MOSFET
AOB2606L AOSMD-AOB2606L Datasheet
354Kb / 7P
   60V N-Channel MOSFET
AON6444 AOSMD-AON6444 Datasheet
270Kb / 7P
   60V N-Channel MOSFET
logo
Chip Integration Techno...
2N7002D CITC-2N7002D Datasheet
502Kb / 6P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010A GOOD-ARK-SSF6010A Datasheet
996Kb / 5P
   60V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010 GOOD-ARK-SSF6010 Datasheet
953Kb / 5P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440_10 Datasheet
172Kb / 4P
   60V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com