Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X20C17 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X20C17
Description  High Speed AUTOSTORE??NOVRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X20C17 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X20C17 Datasheet HTML 3Page - Xicor Inc. X20C17 Datasheet HTML 4Page - Xicor Inc. X20C17 Datasheet HTML 5Page - Xicor Inc. X20C17 Datasheet HTML 6Page - Xicor Inc. X20C17 Datasheet HTML 7Page - Xicor Inc. X20C17 Datasheet HTML 8Page - Xicor Inc. X20C17 Datasheet HTML 9Page - Xicor Inc. X20C17 Datasheet HTML 10Page - Xicor Inc. X20C17 Datasheet HTML 11Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
X20C17
8
AUTOSTORE Feature
The AUTOSTORE feature automatically saves the con-
tents of the X20C17’s static RAM to the on-board bit-for-
bit shadow E2PROM at power-down. This circuitry in-
sures that no data is lost during accidental power-downs
or general system crashes, and is ideal for microproces-
sor caching systems, embedded software systems, and
general system back-up memory.
AUTOSTORE CYCLE LIMITS
X20C17
Symbol
Parameter
Min.
Max.
Units
tASTO (5)
AUTOSTORE Cycle Time
2.5
ms
VASTH
AUTOSTORE Threshold Voltage
4.0
4.3
V
VASEND (5)
AUTOSTORE Cycle End Voltage
3.5
V
2015 PGM T15
1
2
3
4
5
VCC
TIME (ms)
VASTH
VASEND
AUTOSTORE CYCLE IN PROGRESS
tASTO
STORE TIME
AUTOSTORE CYCLE Timing Diagram and Suggested AUTOSTORE Implementation Circuit
Note:
(5) t
ASTO and VASEND are periodically sampled and not 100% tested.
The X20C17 automatically initiates a nonvolatile store
cycle whenever Vcc falls below the AUTOSTORE thresh-
old voltage (VASTH). VCC must remain above the
AUTOSTORE Cycle End Voltage (VASEND) for the dura-
tion of the store cycle (tASTO). The detailed timing for this
feature is illustrated in the AUTOSTORE timing dia-
gram, below. Once the AUTOSTORE cycle is initiated,
all other device functions are inhibited.
2015 FHD F14
2015 ILL F30.4
X20C17
VCC
22µF
CC
V


Similar Part No. - X20C17

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C16 XICOR-X20C16 Datasheet
94Kb / 21P
   High Speed AUTOSTORE??NOVRAM
X20C16D-35 XICOR-X20C16D-35 Datasheet
94Kb / 21P
   High Speed AUTOSTORE??NOVRAM
X20C16D-45 XICOR-X20C16D-45 Datasheet
94Kb / 21P
   High Speed AUTOSTORE??NOVRAM
X20C16D-55 XICOR-X20C16D-55 Datasheet
94Kb / 21P
   High Speed AUTOSTORE??NOVRAM
X20C16DI-35 XICOR-X20C16DI-35 Datasheet
94Kb / 21P
   High Speed AUTOSTORE??NOVRAM
More results

Similar Description - X20C17

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X20C05 XICOR-X20C05 Datasheet
82Kb / 19P
   High Speed AUTOSTORE??NOVRAM
X20C16 XICOR-X20C16 Datasheet
94Kb / 21P
   High Speed AUTOSTORE??NOVRAM
XM20C64 XICOR-XM20C64 Datasheet
60Kb / 11P
   High Speed AUTOSTORE??NOVRAM
logo
Intersil Corporation
X24C45 INTERSIL-X24C45 Datasheet
192Kb / 12P
   Serial AUTOSTORE NOVRAM
logo
Xicor Inc.
X24C45 XICOR-X24C45 Datasheet
58Kb / 14P
   Serial AUTOSTORE??NOVRAM
X25401 XICOR-X25401 Datasheet
57Kb / 14P
   SPI Serial AUTOSTORE??NOVRAM
logo
Renesas Technology Corp
X24C45 RENESAS-X24C45 Datasheet
499Kb / 12P
   256 Bit, 16 x 16 Bit Serial AUTOSTORE™ NOVRAM
June 1, 2005
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com