Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34915 Datasheet(PDF) 1 Page - SCHOTT CORPORATION

Part # 34915
Description  TRANSFORMER, ADSL CUSTOMER OFFICE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION

34915 Datasheet(HTML) 1 Page - SCHOTT CORPORATION

  34915 Datasheet HTML 1Page - SCHOTT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
°
.005
.010
ANGLE
3 PLACE
2 PLACE
34915
2
1 END
PAGE
REV
PART NUMBER
±
TITLE
SPECIFICATIONS
±
±
TEMP CLASS 105°C
DESIGNED TO MEET UL1950/IEC-950 REQUIREMENTS
WORKING VOLTAGE 250 VRMS, SUPPLEMENTARY INSULATION
1. INDUCTANCE: @ 0.1 Vrms, 10 kHz,
1-5 (TIE 2&4) = 213 TO 260 µH
10-6 (TIE 7&9) = 426 TO 521 µH
2. LEAKAGE INDUCTANCE: @ 0.1 Vrms, 100 kHz
1-5 tie 2&4 (short 10&7, 9&6 ) = 10 µH MAX
3. IWC: 1-5 TO 10-6
@ 100 kHz, 0.1Vrms = 30 pF MAX
4. TURNS RATIO: 1-5 : 10-6 TIE 7&9, 4&2, = 1 : 1.41 +/- 1%
5. DC RESISTANCE: OHMS
1-4-2-5 = 0.80 MAX
10-7-9-6 = 1.10 MAX
6. LONGITUDINAL BALANCE:
V1 = 0 dBm @ 20 kHz TO 250 KHz, Rs = 100 OHMS INPUT,
Rl = 50 OHM LOAD, LINE = 10-6, GROUND PIN #5,
CHIP = 1-5, V2 = 60 dB MIN
7. DIELECTRIC STRENGTH: 1500 Vac, 1 SECOND
1&2 TO 10&9
ALL WINDINGS TO CORE
8. HARMONIC DISTORTION:
@ 100 kHz, 10-6 = 100 OHM INPUT,
1-5 = 50 OHM LOAD,
V1 = 15V p-p, V2 = -85 dB MAX
(5.32 VRMS)
9. INSERTION LOSS: = 0.5 dB MAX
@100 KHz TO 1.0 MHz
LINE = 10-6, CHIP = 1-5
Rs = 100 OHMS, Rl = 50 OHMS
TRANSFORMER, ADSL
CUSTOMER OFFICE
LINE
CHIP
10
6
5
1
7
9
4
2
AGENCY APPROVAL:
N/A
TOLERANCES
UNLESS OTHERWISE NOTED
1000 PARKERS LAKE ROAD
WAYZATA. MN 55391
(952) 475-1173
inches
(mm)
1
5
6
10
.560 MAX
(14.22)
.560 MAX
(14.22)
.500 MAX
(12.70)
.110 MIN
(2.79)
.100 ±.010
(2.54)
.400 ±.010
(10.16)
.020 Sq.
(0.51)
NOTE: PIN #3
REMOVED
© 2000 SCHOTT CORPORATION, 1000 PARKERS LAKE ROAD, WAYZATA MN, 55391 (952) 475-1173


Similar Part No. - 34915

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3491 POMONA-3491 Datasheet
24Kb / 1P
   Insulated Minigator Clip To Pin Tip Jack
logo
List of Unclassifed Man...
3491 ETC2-3491 Datasheet
230Kb / 1P
   FEMALE THREADED STANDOFFS
3491 ETC2-3491 Datasheet
211Kb / 1P
   FEMALE THREADED STANDOFFS
3491 ETC2-3491 Datasheet
93Kb / 2P
   THREADED STANDOFFS
logo
Heyco.
3491 HEYCO-3491 Datasheet
106Kb / 1P
   Beaded Ties
More results

Similar Description - 34915

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
31530 SCHOTT-31530 Datasheet
13Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31427 SCHOTT-31427 Datasheet
15Kb / 1P
   TRANSFORMER, ADSL, CENTRAL OFFICE
31441 SCHOTT-31441 Datasheet
13Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31642 SCHOTT-31642 Datasheet
14Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31429 SCHOTT-31429 Datasheet
17Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31250 SCHOTT-31250 Datasheet
14Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
35598 SCHOTT-35598 Datasheet
17Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31431 SCHOTT-31431 Datasheet
13Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31405 SCHOTT-31405 Datasheet
14Kb / 1P
   TRANSFORMER, ADSL, CENTRAL OFFICE
36038 SCHOTT-36038 Datasheet
1Mb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com