Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

31429 Datasheet(PDF) 1 Page - SCHOTT CORPORATION

Part # 31429
Description  TRANSFORMER, ADSL CENTRAL OFFICE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHOTT [SCHOTT CORPORATION]
Direct Link  http://www.schottcorp.com/default.asp
Logo SCHOTT - SCHOTT CORPORATION

31429 Datasheet(HTML) 1 Page - SCHOTT CORPORATION

  31429 Datasheet HTML 1Page - SCHOTT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHIP
LINE
TEMP CLASS 130°C
1. INDUCTANCE: @ 0.1 Vrms, 10 KHz,
10-8-9-7 = 853.2 TO 1042.8 µH
2. LEAKAGE INDUCTANCE: @ 0.1 Vrms, 100 KHz
10-8-9-7 W/ 1-3-2-4 SHORTED = 10 µH MAX
3. IWC: 1-3-2-4 TO 10-8-9-7 @ 100 KHz, 0.1Vrms = 25 pF MAX
4. TURNS RATIO: 10-8 : 9-7 : 1-3 : 2-4 = 1.40 : 1.40 : 1 : 1 ± 2%
5. DC RESISTANCE: OHMS MAX
1-3, 2-4 = 0.70
10-8, 9-7 = 0.90
6. LONGITUDINAL BALANCE:
@ 100 KHz, 100 OHMS, = - 60 dB MIN
7. DIELECTRIC STRENGTH: 1500 Vac, 1 minute
(1800 Vac, 1 second Schott production test)
1-2-3-4 TO 7-8-9-10
ALL WINDINGS TO CORE
8. HARMONIC DISTORTION:
@ 100 KHz, 15 Vp-p, 100 OHMS = -80 dB MIN
TRANSFORMER, ADSL
CENTRAL OFFICE
°
.010
.02
ANGLE
3 PLACE
2 PLACE
UNLESS OTHERWISE NOTED
TOLERANCES
31429
2
1 END
PAGE
REV
PART NUMBER
+
-
+
-
+
-
TITLE
SPECIFICATIONS
1
3
4
2
9
7
8
10
inches
(mm)
1
5
6
10
.560 MAX
(14.22)
.560 MAX
(14.22)
.500 MAX
(12.70)
.110 MIN
(2.79)
.100 ±.010
(2.54±0.25)
.400 ±.010
(10.16±0.25)
.020 Sq.
(0.51)
X= MFG LOCATION
1000 PARKERS LAKE ROAD
WAYZATA. MN 55391
(952) 475-1173


Similar Part No. - 31429

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3142 ETC1-3142 Datasheet
100Kb / 4P
   POTENTIOMETERS INDUCTORS, SMDs SWITCHES, NETWORKS ENCODERS POWER COMPONENTS
3142 ETC2-3142 Datasheet
113Kb / 2P
   FLAT WASHERS NYLON FIBRE
logo
KR Electronics, Inc.
3142 KR-3142 Datasheet
101Kb / 3P
   1 MHz Notch Frequency
logo
Allegro MicroSystems
3142 ALLEGRO-3142 Datasheet
154Kb / 8P
   SENSITIVE HALL-EFFECT SWITCHES FOR HIGH-TEMPERATURE OPERATION
logo
List of Unclassifed Man...
3142 ETC2-3142 Datasheet
68Kb / 1P
   WASHERS
More results

Similar Description - 31429

ManufacturerPart #DatasheetDescription
logo
SCHOTT CORPORATION
31530 SCHOTT-31530 Datasheet
13Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31427 SCHOTT-31427 Datasheet
15Kb / 1P
   TRANSFORMER, ADSL, CENTRAL OFFICE
31441 SCHOTT-31441 Datasheet
13Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31642 SCHOTT-31642 Datasheet
14Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31250 SCHOTT-31250 Datasheet
14Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
35598 SCHOTT-35598 Datasheet
17Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31431 SCHOTT-31431 Datasheet
13Kb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
31405 SCHOTT-31405 Datasheet
14Kb / 1P
   TRANSFORMER, ADSL, CENTRAL OFFICE
36038 SCHOTT-36038 Datasheet
1Mb / 1P
   TRANSFORMER, ADSL CENTRAL OFFICE
34915 SCHOTT-34915 Datasheet
18Kb / 1P
   TRANSFORMER, ADSL CUSTOMER OFFICE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com