Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US5U30 Datasheet(PDF) 5 Page - Rohm

Part # US5U30
Description  2.5V Drive PchSBD MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

US5U30 Datasheet(HTML) 5 Page - Rohm

  US5U30 Datasheet HTML 1Page - Rohm US5U30 Datasheet HTML 2Page - Rohm US5U30 Datasheet HTML 3Page - Rohm US5U30 Datasheet HTML 4Page - Rohm US5U30 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Appendix
Appendix1-Rev1.1
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level of
reliability and the malfunction of with would directly endanger human life (such as medical instruments,
transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other
safety devices), please be sure to consult with our sales representative in advance.
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document are no antiradiation design.
About Export Control Order in Japan
Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control
Order in Japan.
In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause)
on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.


Similar Part No. - US5U30

ManufacturerPart #DatasheetDescription
logo
Rohm
US5U30 ROHM-US5U30 Datasheet
72Kb / 5P
Small switching (-20V, -1.5A)
More results

Similar Description - US5U30

ManufacturerPart #DatasheetDescription
logo
Rohm
US5U29 ROHM-US5U29_1 Datasheet
83Kb / 5P
2.5V Drive PchSBD MOS FET
ES6U42 ROHM-ES6U42 Datasheet
229Kb / 6P
2.5V Drive PchSBD MOSFET
QS5U26 ROHM-QS5U26_1 Datasheet
107Kb / 5P
2.5V Drive PchSBD MOSFET
QS6U22 ROHM-QS6U22_1 Datasheet
89Kb / 5P
2.5V Drive PchSBD MOS FET
US5U38 ROHM-US5U38 Datasheet
139Kb / 6P
2.5V Drive PchSBD MOSFET
QS5U21 ROHM-QS5U21_06 Datasheet
95Kb / 5P
2.5V Drive PchSBD MOS FET
QS5U23 ROHM-QS5U23_06 Datasheet
96Kb / 5P
2.5V Drive PchSBD MOS FET
QS5U28 ROHM-QS5U28_06 Datasheet
87Kb / 5P
2.5V Drive PchSBD MOS FET
QS5U23TR ROHM-QS5U23TR Datasheet
80Kb / 6P
2.5V Drive Pch SBD MOS FET
QS5U26TR ROHM-QS5U26TR Datasheet
71Kb / 6P
2.5V Drive Pch SBD MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com