Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US5U30 Datasheet(PDF) 4 Page - Rohm

Part # US5U30
Description  2.5V Drive PchSBD MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

US5U30 Datasheet(HTML) 4 Page - Rohm

  US5U30 Datasheet HTML 1Page - Rohm US5U30 Datasheet HTML 2Page - Rohm US5U30 Datasheet HTML 3Page - Rohm US5U30 Datasheet HTML 4Page - Rohm US5U30 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
US5U30
Transistor
Rev.B
4/4
Fig.10 Dynamic Input Characteristics
01
0
4
8
6
Total Gate Charge
: Qg[nC]
23
4
5
1
2
3
5
6
7
Ta=25 C
VDD=
−15V
ID=
−2.5A
RG=10
Pulsed
Forward Voltage
:VF [V]
Fig.11 Forward Temperature Characteristics
0.1
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
0.6
75
°C
25
°C
−25°C
Ta=125
°C
Reverse Voltage
: VR[V]
Fig.12 Reverse Temperature Characteristics
0.0001
0.001
0.01
0.1
100
10
1
010
20
30
40
125
°C
75
°C
25
°C
−25°C
Measurement circuits
Fig.13 Switching Time Measurement Circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
90%
10%
90%
10%
10%
VGS
VDS
90%
tf
toff
td(off)
tr
ton
td(on)
Fig.14 Switching Waveforms
50%
50%
Pulse Width
Fig.15 Gate Charge Measurement Circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
IG(Const)
Fig.16 Gate Charge Waveforms
VGS
Qg
Qgs
Qgd
VG
Charge


Similar Part No. - US5U30

ManufacturerPart #DatasheetDescription
logo
Rohm
US5U30 ROHM-US5U30 Datasheet
72Kb / 5P
Small switching (-20V, -1.5A)
More results

Similar Description - US5U30

ManufacturerPart #DatasheetDescription
logo
Rohm
US5U29 ROHM-US5U29_1 Datasheet
83Kb / 5P
2.5V Drive PchSBD MOS FET
ES6U42 ROHM-ES6U42 Datasheet
229Kb / 6P
2.5V Drive PchSBD MOSFET
QS5U26 ROHM-QS5U26_1 Datasheet
107Kb / 5P
2.5V Drive PchSBD MOSFET
QS6U22 ROHM-QS6U22_1 Datasheet
89Kb / 5P
2.5V Drive PchSBD MOS FET
US5U38 ROHM-US5U38 Datasheet
139Kb / 6P
2.5V Drive PchSBD MOSFET
QS5U21 ROHM-QS5U21_06 Datasheet
95Kb / 5P
2.5V Drive PchSBD MOS FET
QS5U23 ROHM-QS5U23_06 Datasheet
96Kb / 5P
2.5V Drive PchSBD MOS FET
QS5U28 ROHM-QS5U28_06 Datasheet
87Kb / 5P
2.5V Drive PchSBD MOS FET
QS5U23TR ROHM-QS5U23TR Datasheet
80Kb / 6P
2.5V Drive Pch SBD MOS FET
QS5U26TR ROHM-QS5U26TR Datasheet
71Kb / 6P
2.5V Drive Pch SBD MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com