Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TY0153A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TY0153A
Description  Crystal Filter SMD 5x7 30.72MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TY0153A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TY0153A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TY0153A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TY0153A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TY0153A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TY0153A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TY0153A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
Reel Dimensions (mm):
Tape Dimensions (mm):


Similar Part No. - TY0153A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TY0153A TAI-SAW-TY0153A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
More results

Similar Description - TY0153A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TY0151A TAI-SAW-TY0151A Datasheet
206Kb / 5P
   SMD 5x7 21.4MHz Crystal Filter
TY0138A TAI-SAW-TY0138A Datasheet
236Kb / 5P
   SMD 5x7 45.01098MHz Crystal Filter
TY0143A TAI-SAW-TY0143A Datasheet
202Kb / 5P
   SMD 5x7 90MHz Crystal Filter
TY0122A TAI-SAW-TY0122A Datasheet
244Kb / 5P
   SMD 5x7 45MHz Crystal Filter
TY0132A TAI-SAW-TY0132A Datasheet
238Kb / 5P
   SMD 5x7 45.15MHz Crystal Filter
TY0133A TAI-SAW-TY0133A Datasheet
192Kb / 5P
   SMD 5x7 45MHz Crystal Filter
TY0136A TAI-SAW-TY0136A Datasheet
236Kb / 5P
   SMD 5x7 21.7MHz Crystal Filter
TY0129A TAI-SAW-TY0129A Datasheet
227Kb / 6P
   SMD 5x7 21.4MHz Crystal Filter
TY0135A TAI-SAW-TY0135A Datasheet
236Kb / 5P
   SMD 5x7 21.4MHz Crystal Filter
TY0137A TAI-SAW-TY0137A Datasheet
236Kb / 5P
   SMD 5x7 21.4MHz Crystal Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com