Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGL35N120FTD Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FGL35N120FTD
Description  1200V, 35A Trench IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGL35N120FTD Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FGL35N120FTD Datasheet HTML 1Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 2Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 3Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 4Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 5Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 6Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 7Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 8Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.fairchildsemi.com
FGL35N120FTD Rev. A
Package Marking and Ordering Information
Electrical Characteristics of the IGBT T
C = 25°C unless otherwise noted
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FGL35N120FTD
FGL35N120FTDTU
TO-264
-
-
30
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Off Characteristics
BVCES
Collector to Emitter Breakdown Voltage
VGE = 0V, IC = 250µA
1200
-
-
V
ICES
Collector Cut-Off Current
VCE = VCES, VGE = 0V
-
-
1
mA
IGES
G-E Leakage Current
VGE = VGES, VCE = 0V
-
-
±250
nA
On Characteristics
VGE(th)
G-E Threshold Voltage
IC = 35mA, VCE = VGE
3.5
6.2
7.5
V
VCE(sat)
Collector to Emitter Saturation Voltage
IC = 35A, VGE = 15V
-1.68
2.2
V
IC = 35A, VGE = 15V,
TC = 125
oC
-2.0
-
V
Dynamic Characteristics
Cies
Input Capacitance
VCE = 30V, VGE = 0V,
f = 1MHz
-
5090
-
pF
Coes
Output Capacitance
-
180
-
pF
Cres
Reverse Transfer Capacitance
-
95
-
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VCC = 600V, IC = 35A,
RG = 10Ω, VGE = 15V,
Inductive Load, TC = 25
oC
-34
-
ns
tr
Rise Time
-
63
-
ns
td(off)
Turn-Off Delay Time
-
172
-
ns
tf
Fall Time
-
107
-
ns
Eon
Turn-On Switching Loss
-
2.5
-
mJ
Eoff
Turn-Off Switching Loss
-
1.7
-
mJ
Ets
Total Switching Loss
-
4.2
-
mJ
td(on)
Turn-On Delay Time
VCC = 600V, IC = 35A,
RG = 10Ω, VGE = 15V,
Inductive Load, TC = 125
oC
-33
-
ns
tr
Rise Time
-
66
-
ns
td(off)
Turn-Off Delay Time
-
180
-
ns
tf
Fall Time
-
146
-
ns
Eon
Turn-On Switching Loss
-
3.1
-
mJ
Eoff
Turn-Off Switching Loss
-
2.1
-
mJ
Ets
Total Switching Loss
-
5.2
-
mJ
Qg
Total Gate Charge
VCE = 600V, IC = 35A,
VGE = 15V
-
210
-
nC
Qge
Gate to Emitter Charge
-
42
-
nC
Qgc
Gate to Collector Charge
-
101
-
nC


Similar Part No. - FGL35N120FTD

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
FGL.2K.302.SLLC50 LEMO-FGL.2K.302.SLLC50 Datasheet
96Kb / 4P
K - Outdoor keyed
FGL.2K.310.CYMK90 LEMO-FGL.2K.310.CYMK90 Datasheet
60Kb / 3P
K - Outdoor keyed
FGL.3K.305.CYPC65Z LEMO-FGL.3K.305.CYPC65Z Datasheet
91Kb / 4P
K - Outdoor keyed
FGL.3K.306.CLLC90Z LEMO-FGL.3K.306.CLLC90Z Datasheet
72Kb / 3P
K - Outdoor keyed
FGL.4K.348.CLLC14H LEMO-FGL.4K.348.CLLC14H Datasheet
68Kb / 3P
K - Outdoor keyed
More results

Similar Description - FGL35N120FTD

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI35S-120 FUJI-6MBI35S-120 Datasheet
498Kb / 4P
IGBT(1200V/35A)
7MBR35SB120 FUJI-7MBR35SB120 Datasheet
559Kb / 7P
IGBT(1200V/35A/PIM)
logo
Renesas Technology Corp
RJH1CV7DPK RENESAS-RJH1CV7DPK_15 Datasheet
126Kb / 10P
1200V - 35A - IGBT Application: Inverter
RJH1CV7DPK RENESAS-RJH1CV7DPK Datasheet
126Kb / 10P
1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0_15 Datasheet
126Kb / 10P
1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0 Datasheet
59Kb / 4P
1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0_13 Datasheet
186Kb / 10P
1200V - 35A - IGBT Application: Inverter
logo
Fairchild Semiconductor
FGA25N12ANTD FAIRCHILD-FGA25N12ANTD Datasheet
861Kb / 9P
1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
1200V NPT Trench IGBT
FGA20N120FTD FAIRCHILD-FGA20N120FTD Datasheet
721Kb / 9P
1200V, 20A Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com