Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGL35N120FTD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FGL35N120FTD
Description  1200V, 35A Trench IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGL35N120FTD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FGL35N120FTD Datasheet HTML 1Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 2Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 3Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 4Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 5Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 6Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 7Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 8Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
tm
©2010 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FGL35N120FTD Rev. A
February 2010
Absolute Maximum Ratings
Notes:
1: Repetitive rating: Pulse width limited by max. junction temperature
Thermal Characteristics
Symbol
Description
Ratings
Units
VCES
Collector to Emitter Voltage
1200
V
VGES
Gate to Emitter Voltage
± 25
V
IC
Collector Current
@ TC = 25
oC
70
A
Collector Current
@ TC = 100
oC
35
A
ICM (1)
Pulsed Collector Current
@ TC = 25
oC
105
A
IF
Diode Continuous Forward Current
@ TC = 100
oC
40
A
PD
Maximum Power Dissipation
@ TC = 25
oC368
W
Maximum Power Dissipation
@ TC = 100
oC147
W
TJ
Operating Junction Temperature
-55 to +150
oC
Tstg
Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temp. for soldering
Purposes, 1/8” from case for 5 seconds
300
oC
Symbol
Parameter
Ratings
Units
RθJC(IGBT)
Thermal Resistance, Junction to Case
0.34
oC/W
RθJC(Diode)
Thermal Resistance, Junction to Case
0.9
oC/W
RθJA
Thermal Resistance, Junction to Ambient
25
oC/W
FGL35N120FTD
1200V, 35A Trench IGBT
Features
• Field Stop Trench Technology
• High Speed Switching
• Low Saturation Voltage: VCE(sat) = 1.68 V @ IC = 35A
• High Input Impedance
Applications
• Induction Heating And Microwave Oven
• Soft Switching Applications
General Description
Using advanced field stop trench technology, Fairchild’s 1200V
trench IGBTs offer superior conduction and switching perfor-
mances, and easy parallel operation with exceptional avalanche
ruggedness. This device is designed for soft switching applica-
tions.
G
E
C


Similar Part No. - FGL35N120FTD

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
FGL.2K.302.SLLC50 LEMO-FGL.2K.302.SLLC50 Datasheet
96Kb / 4P
   K - Outdoor keyed
FGL.2K.310.CYMK90 LEMO-FGL.2K.310.CYMK90 Datasheet
60Kb / 3P
   K - Outdoor keyed
FGL.3K.305.CYPC65Z LEMO-FGL.3K.305.CYPC65Z Datasheet
91Kb / 4P
   K - Outdoor keyed
FGL.3K.306.CLLC90Z LEMO-FGL.3K.306.CLLC90Z Datasheet
72Kb / 3P
   K - Outdoor keyed
FGL.4K.348.CLLC14H LEMO-FGL.4K.348.CLLC14H Datasheet
68Kb / 3P
   K - Outdoor keyed
More results

Similar Description - FGL35N120FTD

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI35S-120 FUJI-6MBI35S-120 Datasheet
498Kb / 4P
   IGBT(1200V/35A)
7MBR35SB120 FUJI-7MBR35SB120 Datasheet
559Kb / 7P
   IGBT(1200V/35A/PIM)
logo
Renesas Technology Corp
RJH1CV7DPK RENESAS-RJH1CV7DPK_15 Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPK RENESAS-RJH1CV7DPK Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0_15 Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0 Datasheet
59Kb / 4P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0_13 Datasheet
186Kb / 10P
   1200V - 35A - IGBT Application: Inverter
logo
Fairchild Semiconductor
FGA25N12ANTD FAIRCHILD-FGA25N12ANTD Datasheet
861Kb / 9P
   1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
   1200V NPT Trench IGBT
FGA20N120FTD FAIRCHILD-FGA20N120FTD Datasheet
721Kb / 9P
   1200V, 20A Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com