Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGL35N120FTD Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FGL35N120FTD
Description  1200V, 35A Trench IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGL35N120FTD Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FGL35N120FTD Datasheet HTML 1Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 2Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 3Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 4Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 5Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 6Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 7Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 8Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
www.fairchildsemi.com
FGL35N120FTD Rev. A
Typical Performance Characteristics
Figure 13. Turn-off Characteristics vs.
Figure 14. Turn-on Characteristics vs.
Gate Resistance
Collector Current
Figure 15. Turn-off Characteristics vs.
Figure 16.Switching Loss vs. Gate Resistance
Collector Current
Figure 17. Switching Loss vs. Collector Current
Figure 18. Turn off Switing
SOA Characteristics
0
102030
40
50
50
100
1000
2000
Common Emitter
VCC = 600V, VGE = 15V
IC = 35A
TC = 25
o
C
TC = 125
o
C
t
d(off)
t
f
Gate Resistance, RG []
10
20
30
40
50
60
70
10
100
200
Common Emitter
VGE = 15V, RG = 10
T
C = 25
o
C
T
C = 125
o
C
t
r
t
d(on)
Collector Current, IC [A]
0
1020
304050
0.3
1
8
Common Emitter
V
CC = 600V, VGE = 15V
I
C = 35A
T
C = 25
o
C
T
C = 125
o
C
E
on
E
off
Gate Resistance, RG []
10
20
30
40
50
60
70
50
100
600
Common Emitter
VGE = 15V, RG = 10
T
C = 25
o
C
T
C = 125
o
C
t
d(off)
t
f
Collector Current, IC [A]
10
20
30
40
50
60
70
0.3
1
10
Common Emitter
V
GE = 15V, RG = 10
T
C = 25
o
C
T
C = 125
o
C
E
on
E
off
Collector Current, IC [A]
1
10
100
1000 3000
1
10
100
200
Safe Operating Area
V
GE = 15V, TC = 125
o
C
Collector-Emitter Voltage, VCE [V]


Similar Part No. - FGL35N120FTD

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
FGL.2K.302.SLLC50 LEMO-FGL.2K.302.SLLC50 Datasheet
96Kb / 4P
   K - Outdoor keyed
FGL.2K.310.CYMK90 LEMO-FGL.2K.310.CYMK90 Datasheet
60Kb / 3P
   K - Outdoor keyed
FGL.3K.305.CYPC65Z LEMO-FGL.3K.305.CYPC65Z Datasheet
91Kb / 4P
   K - Outdoor keyed
FGL.3K.306.CLLC90Z LEMO-FGL.3K.306.CLLC90Z Datasheet
72Kb / 3P
   K - Outdoor keyed
FGL.4K.348.CLLC14H LEMO-FGL.4K.348.CLLC14H Datasheet
68Kb / 3P
   K - Outdoor keyed
More results

Similar Description - FGL35N120FTD

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI35S-120 FUJI-6MBI35S-120 Datasheet
498Kb / 4P
   IGBT(1200V/35A)
7MBR35SB120 FUJI-7MBR35SB120 Datasheet
559Kb / 7P
   IGBT(1200V/35A/PIM)
logo
Renesas Technology Corp
RJH1CV7DPK RENESAS-RJH1CV7DPK_15 Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPK RENESAS-RJH1CV7DPK Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0_15 Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0 Datasheet
59Kb / 4P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0_13 Datasheet
186Kb / 10P
   1200V - 35A - IGBT Application: Inverter
logo
Fairchild Semiconductor
FGA25N12ANTD FAIRCHILD-FGA25N12ANTD Datasheet
861Kb / 9P
   1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
   1200V NPT Trench IGBT
FGA20N120FTD FAIRCHILD-FGA20N120FTD Datasheet
721Kb / 9P
   1200V, 20A Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com