Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGL35N120FTD Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FGL35N120FTD
Description  1200V, 35A Trench IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGL35N120FTD Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FGL35N120FTD Datasheet HTML 1Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 2Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 3Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 4Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 5Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 6Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 7Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 8Page - Fairchild Semiconductor FGL35N120FTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
FGL35N120FTD Rev. A
Typical Performance Characteristics
Figure 7. Saturation Voltage vs. VGE
Figure 8. Load Current vs. Frequency
Figure 9. Capacitance Characteristics
Figure 10. Gate Charge Characteristics
Figure 11. SOA Characteristics
Figure 12. Turn-on Characteristics vs.
Gate Resistance
4
8
12
16
20
0
4
8
12
16
20
70A
IC = 18A
35A
Common Emitter
TC = 125
o
C
Gate-Emitter Voltage, VGE [V]
1
10
100
1000
0
30
60
90
120
150
V
CC = 600V
load Current : peak of square wave
Duty cycle : 50%
T
C
= 100
o
C
Power Dissipation = 147W
Frequency [kHz]
110
0
2000
4000
6000
8000
Common Emitter
VGE = 0V, f = 1MHz
TC = 25
o
C
C
res
C
oes
C
ies
Collector-Emitter Voltage, VCE [V]
30
0
50
100
150
200
250
0
3
6
9
12
15
Common Emitter
TC = 25
o
C
600V
400V
V
CC = 200V
Gate Charge, Qg [nC]
1
10
100
1000
4000
0.01
0.1
1
10
100
400
1ms
10 ms
DC
*Notes:
1. TC = 25
o
C
2. TJ = 150
o
C
3. Single Pulse
10µs
100µs
Collector-Emitter Voltage, VCE [V]
0
1020304050
20
100
200
Common Emitter
VCC = 600V, VGE = 15V
IC = 35A
TC = 25
o
C
TC = 125
o
C
t
d(on)
t
r
Gate Resistance, RG []


Similar Part No. - FGL35N120FTD

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
FGL.2K.302.SLLC50 LEMO-FGL.2K.302.SLLC50 Datasheet
96Kb / 4P
   K - Outdoor keyed
FGL.2K.310.CYMK90 LEMO-FGL.2K.310.CYMK90 Datasheet
60Kb / 3P
   K - Outdoor keyed
FGL.3K.305.CYPC65Z LEMO-FGL.3K.305.CYPC65Z Datasheet
91Kb / 4P
   K - Outdoor keyed
FGL.3K.306.CLLC90Z LEMO-FGL.3K.306.CLLC90Z Datasheet
72Kb / 3P
   K - Outdoor keyed
FGL.4K.348.CLLC14H LEMO-FGL.4K.348.CLLC14H Datasheet
68Kb / 3P
   K - Outdoor keyed
More results

Similar Description - FGL35N120FTD

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI35S-120 FUJI-6MBI35S-120 Datasheet
498Kb / 4P
   IGBT(1200V/35A)
7MBR35SB120 FUJI-7MBR35SB120 Datasheet
559Kb / 7P
   IGBT(1200V/35A/PIM)
logo
Renesas Technology Corp
RJH1CV7DPK RENESAS-RJH1CV7DPK_15 Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPK RENESAS-RJH1CV7DPK Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0_15 Datasheet
126Kb / 10P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0 Datasheet
59Kb / 4P
   1200V - 35A - IGBT Application: Inverter
RJH1CV7DPQ-E0 RENESAS-RJH1CV7DPQ-E0_13 Datasheet
186Kb / 10P
   1200V - 35A - IGBT Application: Inverter
logo
Fairchild Semiconductor
FGA25N12ANTD FAIRCHILD-FGA25N12ANTD Datasheet
861Kb / 9P
   1200V NPT Trench IGBT
FGA25N120ANTD FAIRCHILD-FGA25N120ANTD_07 Datasheet
658Kb / 9P
   1200V NPT Trench IGBT
FGA20N120FTD FAIRCHILD-FGA20N120FTD Datasheet
721Kb / 9P
   1200V, 20A Trench IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com