Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-X6769 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # STR-X6769
Description  Off-Line Quasi-Resonant Switching Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-X6769 Datasheet(HTML) 2 Page - Allegro MicroSystems

  STR-X6769 Datasheet HTML 1Page - Allegro MicroSystems STR-X6769 Datasheet HTML 2Page - Allegro MicroSystems STR-X6769 Datasheet HTML 3Page - Allegro MicroSystems STR-X6769 Datasheet HTML 4Page - Allegro MicroSystems STR-X6769 Datasheet HTML 5Page - Allegro MicroSystems STR-X6769 Datasheet HTML 6Page - Allegro MicroSystems STR-X6769 Datasheet HTML 7Page - Allegro MicroSystems STR-X6769 Datasheet HTML 8Page - Allegro MicroSystems STR-X6769 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Off-Line Quasi-Resonant Switching Regulators
STR-X6769
2
The soft-start mode minimizes surge voltage and reduces power stress
to the MOSFET and to the secondary rectifying diodes during the
start-up sequence.Various protections such as overvoltage, overload,
overcurrent, maximum on-time protections and avalanche-energy-
guaranteed MOSFET secure good system-level reliability.
Applications include the following:
▪ Set Top Box
▪ LCD PC monitor, LCD TV
▪ Printer, Scanner
▪ SMPS power supplies
Description (continued)
All performance characteristics given are typical values for circuit or
system baseline design only and are at the nominal operating voltage and
an ambient temperature, TA, of 25°C, unless otherwise stated.
Absolute Maximum Ratings at TA = 25°C
Parameter
Symbol
Conditions
Rating
Unit
Drain Current1
IDpeak
Single pulse
22
A
Maximum Switching Current2
IDmax
TA = –20°C to 125°C
22
A
Single Pulse Avalanche Energy3
EAS
Single pulse, VDD = 30 V, L = 50 mH, ILpeak = 3.9 A
395
mJ
Input Voltage for Controller (MIC)
VCC
35
V
SS/OLP Terminal Voltage
VSSOLP
–0.5 to 6.0
V
FB Terminal Inflow Current
IFB
10
mA
FB Terminal Voltage
VFB
IFB within the limits of IFB
–0.5 to 9.0
V
OCP/BD Terminal Voltage
VOCPBD
–1.5 to 5.0
V
MOSFET Power Dissipation4
PD1
With infinite heatsink
46
W
Without heatsink
2.8
W
Controller (MIC) Power Dissipation
PD2
VCC × ICC
0.8
W
Operating Internal Leadframe Temperature
TF
Recommended operation temperature, see cautions
–20 to 125
°C
Operating Ambient Temperature
TOP
–20 to 125
°C
Storage Temperature
Tstg
–40 to 125
°C
Channel Temperature
Tch
150
°C
1
Refer to MOSFET ASO curve
2
IDMAX is the drain current determined by the drive voltage of the IC and the threshold voltage, Vth, of the MOSFET
3
Refer to Avalanche Energy Derating curve
4
Refer to MOSFET Ta-PD1 curve
Selection Guide
Part Number
Package
STR-X6769
TO-3P
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - STR-X6769

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-X6769 SANKEN-STR-X6769 Datasheet
101Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-X6769 SANKEN-STR-X6769 Datasheet
409Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769B SANKEN-STR-X6769B Datasheet
101Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
logo
Allegro MicroSystems
STR-X6769_V ALLEGRO-STR-X6769_V Datasheet
408Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results

Similar Description - STR-X6769

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Allegro MicroSystems
STR-X6729 ALLEGRO-STR-X6729 Datasheet
386Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N_V ALLEGRO-STR-X6768N_V Datasheet
445Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N ALLEGRO-STR-X6759N Datasheet
520Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N ALLEGRO-STR-X6768N Datasheet
531Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6757_V ALLEGRO-STR-X6757_V Datasheet
444Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769_V ALLEGRO-STR-X6769_V Datasheet
408Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6737 ALLEGRO-STR-X6737 Datasheet
555Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N_V ALLEGRO-STR-X6759N_V Datasheet
434Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Sanken electric
STR-Y6753 SANKEN-STR-Y6753 Datasheet
292Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com