Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-X6769 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # STR-X6769
Description  Off-Line Quasi-Resonant Switching Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-X6769 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button STR-X6769 Datasheet HTML 2Page - Allegro MicroSystems STR-X6769 Datasheet HTML 3Page - Allegro MicroSystems STR-X6769 Datasheet HTML 4Page - Allegro MicroSystems STR-X6769 Datasheet HTML 5Page - Allegro MicroSystems STR-X6769 Datasheet HTML 6Page - Allegro MicroSystems STR-X6769 Datasheet HTML 7Page - Allegro MicroSystems STR-X6769 Datasheet HTML 8Page - Allegro MicroSystems STR-X6769 Datasheet HTML 9Page - Allegro MicroSystems STR-X6769 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Off-Line Quasi-Resonant Switching Regulators
STR-X6769
6
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS for Controller (MIC)1
, valid at TA = 25°C, VCC = 20 V, unless otherwise specified
Power Supply Start-up Operation
Operation Start Voltage
VCC(ON)
VCC = 0→20 V
16.3
18.2
19.9
V
Operation Stop Voltage
VCC(OFF)
VCC = 20→8.8 V
8.8
9.7
10.6
V
Circuit Current In Operation
ICC(ON)
––6
mA
Circuit Current In Non-Operation
ICC(OFF)
VCC = 15 V
100
μA
Oscillation Frequency
fosc
19
22
25
kHz
Soft Start Operation Stop Voltage
VSSOLP(SS) VSS/OLP increasing
1.1
1.2
1.4
V
Soft Start Operation Charging Current
ISSOLP(SS) VSS/OLP = 0 V
–710
–550
–390
μA
Normal Operation
Bottom-Skip Operation Threshold Voltage 1
VOCPBD(BS1)
–0.720
–0.665
–0.605
V
Bottom-Skip Operation Threshold Voltage 2
VOCPBD(BS2)
–0.485
–0.435
–0.385
V
Overcurrent Detection Threshold Voltage
VOCPBD(LIM) VOCP/BD falling
–0.995
–0.940
–0.895
V
OCP/BD Terminal Outflow Current
IOCPBD
VOCP/BD = –0.95 V
–250
–100
–40
μA
Quasi-Resonant Operation Threshold Voltage 1
VOCPBD(TH1) VOCP/BD falling
0.28
0.40
0.52
V
Quasi-Resonant Operation Threshold Voltage 2
VOCPBD(TH2) VOCP/BD rising
0.67
0.80
0.93
V
FB Terminal Threshold Voltage
VFB(OFF)
VFB rising
1.32
1.45
1.58
V
FB Terminal Inflow Current (Normal Operation)
IFB(ON)
VFB = 1.6 V
600
1000
1400
μA
Standby Operation
Standby Operation Start Voltage
VCC(S)
VCC = 0→15 V, VFB = 1.6 V
10.3
11.2
12.1
V
Standby Operation Start Voltage Interval
VCC(SK)
VCC(SK) = VCC(S) – VCC(OFF)
1.10
1.35
1.65
V
Standby Non-Operation Circuit Current
ICC(S)
VCC = 10.2 V, VFB = 1.6 V
–20
56
μA
FB Terminal Inflow Current, Standby Operation
IFB(S)
VCC = 10.2 V, VFB = 1.6 V
–4
14
μA
FB Terminal Threshold Voltage, Standby Operation
VFB(S)
VCC = 15 V, VFB rising
0.55
1.10
1.50
V
Minimum On Time
tON(MIN)
0.35
1.00
1.50
μs
Protection Operation
Maximum On Time
tON(MAX)
27.5
32.5
39.0
μs
Overload Protection Operation Threshold Voltage
VSSOLP(OLP)
4.0
4.9
5.8
V
Overload Protection Operation Charging Current
ISSOLP(OLP) VSS/OLP = 2.5 V
–16
–11
–6
μA
Overvoltage Protection Operation Voltage
VCC(OVP)
VCC = 0→30 V
25.5
27.7
29.9
V
Latch Circuit Holding Current2
ICC(H)
VCC(OFF)– 0.3 V
45
140
μA
Latch Circuit Release Voltage2
VCC(La.OFF) VCC = 30→6 V, OVP operating
6.0
7.2
8.5
V
ELECTRICAL CHARACTERISTICS for MOSFET
, valid at TA = 25°C, unless otherwise specified
Drain-to-Source Breakdown Voltage
VDSS
IDSS = 300 μA
800
V
Drain Leakage Current
IDSS
VDSSS = 800 V
300
μA
On Resistance
RDS(on)
IDS = 3.0 A
0.66
Ω
Switching Time
tf
700
ns
Thermal Resistance
Rθch-F
Channel to internal frame
0.99
°C/W
1
Current polarity with respect to the IC: positive current indicates current sink at the terminal named, negative current indicates source at the
terminal named.
2
The latch circuit means a circuit operated OVP and OLP.
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - STR-X6769

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-X6769 SANKEN-STR-X6769 Datasheet
101Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-X6769 SANKEN-STR-X6769 Datasheet
409Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769B SANKEN-STR-X6769B Datasheet
101Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
logo
Allegro MicroSystems
STR-X6769_V ALLEGRO-STR-X6769_V Datasheet
408Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results

Similar Description - STR-X6769

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Allegro MicroSystems
STR-X6729 ALLEGRO-STR-X6729 Datasheet
386Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N_V ALLEGRO-STR-X6768N_V Datasheet
445Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N ALLEGRO-STR-X6759N Datasheet
520Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N ALLEGRO-STR-X6768N Datasheet
531Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6757_V ALLEGRO-STR-X6757_V Datasheet
444Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769_V ALLEGRO-STR-X6769_V Datasheet
408Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6737 ALLEGRO-STR-X6737 Datasheet
555Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N_V ALLEGRO-STR-X6759N_V Datasheet
434Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Sanken electric
STR-Y6753 SANKEN-STR-Y6753 Datasheet
292Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com