Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STR-X6759N Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # STR-X6759N
Description  Off-Line Quasi-Resonant Switching Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-X6759N Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button STR-X6759N Datasheet HTML 3Page - Allegro MicroSystems STR-X6759N Datasheet HTML 4Page - Allegro MicroSystems STR-X6759N Datasheet HTML 5Page - Allegro MicroSystems STR-X6759N Datasheet HTML 6Page - Allegro MicroSystems STR-X6759N Datasheet HTML 7Page - Allegro MicroSystems STR-X6759N Datasheet HTML 8Page - Allegro MicroSystems STR-X6759N Datasheet HTML 9Page - Allegro MicroSystems STR-X6759N Datasheet HTML 10Page - Allegro MicroSystems STR-X6759N Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Off-Line Quasi-Resonant Switching Regulators
STR-X6759N
8
3.45±0.2
3.35±0.1
5.5±0.2
Terminal dimension at lead tip
Terminal dimension at lead tip
0.55
+0.2
–0.1
5X 0.65
+0.2
–0.1
Branding
Area
XXXXXXXX
XXXXXXXX
1
25
7
6
3
4
2X 2.54±0.1
4X 1.27±0.1
6
15.6 ±0.2
1.89
+0.2
–0.1
1.33
+0.2
–0.1
2X 0.83
+0.2
–0.1
5X 0.75
+0.2
–0.1
Gate Burr
Gate burr: 0.3 mm (max.)
Terminal core material: Cu
Terminal treatment: Ni plating and Pb-free solder dip
Leadform: 1905
Approximate weight: 6 g
Dimensions in millimeters
XXXXXXXX
Drawing for reference only
Branding codes (exact appearance at manufacturer discretion):
1st line, type:
STR
2nd line, subtype: X6759
3rd line, lot:
YM DD N
Where: Y is the last digit of the year of manufacture
M is the month (1 to 9, O, N, D)
DD is the 2-digit date
N is the suffix of the subtype
Enlargement View A
4.3 ±0.5
3.6 ±0.5
View A
0.5
Front View (Plan View)
0.5
Package Outline Drawing, TO-3P
Leadframe plating Pb-free. Device composition
includes high-temperature solder (Pb >85%),
which is exempted from the RoHS directive.
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - STR-X6759N

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-X6759N SANKEN-STR-X6759N Datasheet
101Kb / 2P
Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
logo
Allegro MicroSystems
STR-X6759N_V ALLEGRO-STR-X6759N_V Datasheet
434Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
More results

Similar Description - STR-X6759N

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
logo
Allegro MicroSystems
STR-X6729 ALLEGRO-STR-X6729 Datasheet
386Kb / 11P
Off-Line Quasi-Resonant Switching Regulators
STR-X6768N_V ALLEGRO-STR-X6768N_V Datasheet
445Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
STR-X6768N ALLEGRO-STR-X6768N Datasheet
531Kb / 11P
Off-Line Quasi-Resonant Switching Regulators
STR-X6769 ALLEGRO-STR-X6769 Datasheet
494Kb / 11P
Off-Line Quasi-Resonant Switching Regulators
STR-X6757_V ALLEGRO-STR-X6757_V Datasheet
444Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
STR-X6769_V ALLEGRO-STR-X6769_V Datasheet
408Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
STR-X6737 ALLEGRO-STR-X6737 Datasheet
555Kb / 11P
Off-Line Quasi-Resonant Switching Regulators
STR-X6759N_V ALLEGRO-STR-X6759N_V Datasheet
434Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
logo
Sanken electric
STR-Y6753 SANKEN-STR-Y6753 Datasheet
292Kb / 11P
Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com