Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4988 Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # A4988
Description  DMOS Microstepping Driver with Translator and Overcurrent Protection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4988 Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button A4988 Datasheet HTML 8Page - Allegro MicroSystems A4988 Datasheet HTML 9Page - Allegro MicroSystems A4988 Datasheet HTML 10Page - Allegro MicroSystems A4988 Datasheet HTML 11Page - Allegro MicroSystems A4988 Datasheet HTML 12Page - Allegro MicroSystems A4988 Datasheet HTML 13Page - Allegro MicroSystems A4988 Datasheet HTML 14Page - Allegro MicroSystems A4988 Datasheet HTML 15Page - Allegro MicroSystems A4988 Datasheet HTML 16Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
DMOS Microstepping Driver with Translator
and Overcurrent Protection
A4988
12
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
4988-DS
Application Layout
Layout
. The printed circuit board should use a heavy ground-
plane. For optimum electrical and thermal performance, the
A4988 must be soldered directly onto the board. Pins 6, 7, 18,
and 19 are internally fused, which provides a path for enhanced
thermal dissipation. Theses pins should be soldered directly to
an exposed surface on the PCB that connects to thermal vias are
used to transfer heat to other layers of the PCB.
In order to minimize the effects of ground bounce and offset
issues, it is important to have a low impedance single-point
ground, known as a star ground, located very close to the device.
By making the connection between the pad and the ground plane
directly under the A4988, that area becomes an ideal location for
a star ground point. A low impedance ground will prevent ground
bounce during high current operation and ensure that the supply
voltage remains stable at the input terminal.
The two input capacitors should be placed in parallel, and as
close to the device supply pins as possible. The ceramic capaci-
tor (CIN1) should be closer to the pins than the bulk capacitor
(CIN2). This is necessary because the ceramic capacitor will be
responsible for delivering the high frequency current components.
The sense resistors, RSx , should have a very low impedance
path to ground, because they must carry a large current while
supporting very accurate voltage measurements by the current
sense comparators. Long ground traces will cause additional
voltage drops, adversely affecting the ability of the comparators
to accurately measure the current in the windings. The SENSEx
pins have very short traces to the RSx resistors and very thick,
low impedance traces directly to the star ground underneath the
device. If possible, there should be no other components on the
sense circuits.
VBB
VDD
1
PAD
A4988
C3
C6
R1
R2
R3
C1
C8
C2
C9
C7
RS2
RS1
R6
C4
OUT1B
NC
DIR
REF
STEP
VDD
OUT2B
ENABLE
CP1
CP2
VCP
NC
GND
GND
PCB
Thermal Vias
Trace (2 oz.)
Signal (1 oz.)
Ground (1 oz.)
Thermal (2 oz.)
Solder
A4988


Similar Part No. - A4988

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4988 ALLEGRO-A4988 Datasheet
388Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4988SET-T ALLEGRO-A4988SET-T Datasheet
1Mb / 39P
   BIPOLAR STEPPING MOTOR DRIVER IC
A4988_V4 ALLEGRO-A4988_V4 Datasheet
388Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
More results

Similar Description - A4988

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4982_V4 ALLEGRO-A4982_V4 Datasheet
480Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4982 ALLEGRO-A4982 Datasheet
530Kb / 19P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4984 ALLEGRO-A4984_12 Datasheet
451Kb / 22P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4988_V4 ALLEGRO-A4988_V4 Datasheet
388Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4985 ALLEGRO-A4985_12 Datasheet
449Kb / 22P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4984 ALLEGRO-A4984 Datasheet
425Kb / 21P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4985 ALLEGRO-A4985 Datasheet
424Kb / 21P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A3987 ALLEGRO-A3987 Datasheet
450Kb / 13P
   DMOS Microstepping Driver with Translator
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
   DMOS Microstepping Driver with Translator
A3983 ALLEGRO-A3983 Datasheet
329Kb / 13P
   DMOS Microstepping Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com