Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4988 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A4988
Description  DMOS Microstepping Driver with Translator and Overcurrent Protection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4988 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A4988 Datasheet HTML 3Page - Allegro MicroSystems A4988 Datasheet HTML 4Page - Allegro MicroSystems A4988 Datasheet HTML 5Page - Allegro MicroSystems A4988 Datasheet HTML 6Page - Allegro MicroSystems A4988 Datasheet HTML 7Page - Allegro MicroSystems A4988 Datasheet HTML 8Page - Allegro MicroSystems A4988 Datasheet HTML 9Page - Allegro MicroSystems A4988 Datasheet HTML 10Page - Allegro MicroSystems A4988 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
DMOS Microstepping Driver with Translator
and Overcurrent Protection
A4988
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
4988-DS
Functional Description
Device Operation. The A4988 is a complete microstepping
motor driver with a built-in translator for easy operation with
minimal control lines. It is designed to operate bipolar stepper
motors in full-, half-, quarter-, eighth, and sixteenth-step modes.
The currents in each of the two output full-bridges and all of the
N-channel DMOS FETs are regulated with fixed off-time PWM
(pulse width modulated) control circuitry. At each step, the current
for each full-bridge is set by the value of its external current-sense
resistor (RS1 and RS2), a reference voltage (VREF), and the output
voltage of its DAC (which in turn is controlled by the output of
the translator).
At power-on or reset, the translator sets the DACs and the phase
current polarity to the initial Home state (shown in figures 8
through 12), and the current regulator to Mixed Decay Mode for
both phases. When a step command signal occurs on the STEP
input, the translator automatically sequences the DACs to the
next level and current polarity. (See table 2 for the current-level
sequence.) The microstep resolution is set by the combined effect
of the MSx inputs, as shown in table 1.
When stepping, if the new output levels of the DACs are lower
than their previous output levels, then the decay mode for the
active full-bridge is set to Mixed. If the new output levels of the
DACs are higher than or equal to their previous levels, then the
decay mode for the active full-bridge is set to Slow. This auto-
matic current decay selection improves microstepping perfor-
mance by reducing the distortion of the current waveform that
results from the back EMF of the motor.
Microstep Select (MSx). The microstep resolution is set by
the voltage on logic inputs MSx, as shown in table 1. The MS1 and
MS3 pins have a 100 kΩ pull-down resistance, and the MS2 pin
has a 50 kΩ pull-down resistance. When changing the step mode
the change does not take effect until the next STEP rising edge.
If the step mode is changed without a translator reset, and abso-
lute position must be maintained, it is important to change the
step mode at a step position that is common to both step modes in
order to avoid missing steps. When the device is powered down,
or reset due to TSD or an over current event the translator is set to
the home position which is by default common to all step modes.
Mixed Decay Operation. The bridge operates in Mixed
decay mode, at power-on and reset, and during normal running
according to the ROSC configuration and the step sequence, as
shown in figures 8 through 12. During Mixed decay, when the trip
point is reached, the A4988 initially goes into a fast decay mode
for 31.25% of the off-time, tOFF. After that, it switches to Slow
decay mode for the remainder of tOFF. A timing diagram for this
feature appears on the next page.
Typically, mixed decay is only necessary when the current in the
winding is going from a higher value to a lower value as determined
by the state of the translator. For most loads automatically-selected
mixed decay is convenient because it minimizes ripple when the
current is rising and prevents missed steps when the current is falling.
For some applications where microstepping at very low speeds is
necessary, the lack of back EMF in the winding causes the current to
increase in the load quickly, resulting in missed steps. This is shown
in figure 2. By pulling the ROSC pin to ground, mixed decay is set to
be active 100% of the time, for both rising and falling currents, and
prevents missed steps as shown in figure 3. If this is not an issue, it
is recommended that automatically-selected mixed decay be used,
because it will produce reduced ripple currents. Refer to the Fixed
Off-Time section for details.
Low Current Microstepping. Intended for applications
where the minimum on-time prevents the output current from
regulating to the programmed current level at low current steps.
To prevent this, the device can be set to operate in Mixed decay
mode on both rising and falling portions of the current waveform.
This feature is implemented by shorting the ROSC pin to ground.
In this state, the off-time is internally set to 30 μs.
Reset Input (¯
R
¯¯
E
¯¯
S
¯¯
E
¯¯
T
¯). The ¯R¯¯E¯¯S¯¯E¯¯T¯ input sets the translator
to a predefined Home state (shown in figures 8 through 12), and
turns off all of the FET outputs. All STEP inputs are ignored until
the ¯R¯¯E¯¯S¯¯E¯¯T¯ input is set to high.
Step Input (STEP). A low-to-high transition on the STEP
input sequences the translator and advances the motor one incre-
ment. The translator controls the input to the DACs and the direc-
Functional Description


Similar Part No. - A4988

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4988 ALLEGRO-A4988 Datasheet
388Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4988SET-T ALLEGRO-A4988SET-T Datasheet
1Mb / 39P
   BIPOLAR STEPPING MOTOR DRIVER IC
A4988_V4 ALLEGRO-A4988_V4 Datasheet
388Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
More results

Similar Description - A4988

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4982_V4 ALLEGRO-A4982_V4 Datasheet
480Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4982 ALLEGRO-A4982 Datasheet
530Kb / 19P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4984 ALLEGRO-A4984_12 Datasheet
451Kb / 22P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4988_V4 ALLEGRO-A4988_V4 Datasheet
388Kb / 20P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4985 ALLEGRO-A4985_12 Datasheet
449Kb / 22P
   DMOS Microstepping Driver with Translator And Overcurrent Protection
A4984 ALLEGRO-A4984 Datasheet
425Kb / 21P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A4985 ALLEGRO-A4985 Datasheet
424Kb / 21P
   DMOS Microstepping Driver with Translator and Overcurrent Protection
A3987 ALLEGRO-A3987 Datasheet
450Kb / 13P
   DMOS Microstepping Driver with Translator
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
   DMOS Microstepping Driver with Translator
A3983 ALLEGRO-A3983 Datasheet
329Kb / 13P
   DMOS Microstepping Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com