Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4988 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A4988
Description  DMOS Microstepping Driver with Translator and Overcurrent Protection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A4988 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A4988 Datasheet HTML 1Page - Allegro MicroSystems A4988 Datasheet HTML 2Page - Allegro MicroSystems A4988 Datasheet HTML 3Page - Allegro MicroSystems A4988 Datasheet HTML 4Page - Allegro MicroSystems A4988 Datasheet HTML 5Page - Allegro MicroSystems A4988 Datasheet HTML 6Page - Allegro MicroSystems A4988 Datasheet HTML 7Page - Allegro MicroSystems A4988 Datasheet HTML 8Page - Allegro MicroSystems A4988 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
DMOS Microstepping Driver with Translator
and Overcurrent Protection
A4988
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
4988-DS
ELECTRICAL CHARACTERISTICS1 at TA = 25°C, VBB = 35 V (unless otherwise noted)
Characteristics
Symbol
Test Conditions
Min.
Typ.2
Max.
Units
Output Drivers
Load Supply Voltage Range
VBB
Operating
8
35
V
Logic Supply Voltage Range
VDD
Operating
3.0
5.5
V
Output On Resistance
RDSON
Source Driver, IOUT = –1.5 A
320
430
Sink Driver, IOUT = 1.5 A
320
430
Body Diode Forward Voltage
VF
Source Diode, IF = –1.5 A
1.2
V
Sink Diode, IF = 1.5 A
1.2
V
Motor Supply Current
IBB
fPWM < 50 kHz
4
mA
Operating, outputs disabled
2
mA
Logic Supply Current
IDD
fPWM < 50 kHz
8
mA
Outputs off
5
mA
Control Logic
Logic Input Voltage
VIN(1)
VDD0.7
––
V
VIN(0)
––
VDD0.3
V
Logic Input Current
IIN(1)
VIN = VDD0.7
–20
<1.0
20
μA
IIN(0)
VIN = VDD0.3
–20
<1.0
20
μA
Microstep Select
RMS1
MS1 pin
100
RMS2
MS2 pin
50
RMS3
MS3 pin
100
Logic Input Hysteresis
VHYS(IN)
As a % of VDD
511
19
%
Blank Time
tBLANK
0.7
1
1.3
μs
Fixed Off-Time
tOFF
OSC = VDD or GND
20
30
40
μs
ROSC = 25 kΩ
23
30
37
μs
Reference Input Voltage Range
VREF
0–4
V
Reference Input Current
IREF
–3
0
3
μA
Current Trip-Level Error3
errI
VREF = 2 V, %ITripMAX = 38.27%
±15
%
VREF = 2 V, %ITripMAX = 70.71%
±5
%
VREF = 2 V, %ITripMAX = 100.00%
±5
%
Crossover Dead Time
tDT
100
475
800
ns
Protection
Overcurrent Protection Threshold
IOCPST
2.1
A
Thermal Shutdown Temperature
TTSD
165
°C
Thermal Shutdown Hysteresis
TTSDHYS
–15–°C
VDD Undervoltage Lockout
VDDUVLO
VDD rising
2.7
2.8
2.9
V
VDD Undervoltage Hysteresis
VDDUVLOHYS
–90–
mV
1For input and output current specifications, negative current is defined as coming out of (sourcing) the specified device pin.
2Typical data are for initial design estimations only, and assume optimum manufacturing and application conditions. Performance may vary for individual
units, within the specified maximum and minimum limits.
3VERR = [(VREF/8) – VSENSE] / (VREF/8).


Similar Part No. - A4988

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4988 ALLEGRO-A4988 Datasheet
388Kb / 20P
DMOS Microstepping Driver with Translator And Overcurrent Protection
A4988SET-T ALLEGRO-A4988SET-T Datasheet
1Mb / 39P
BIPOLAR STEPPING MOTOR DRIVER IC
A4988_V4 ALLEGRO-A4988_V4 Datasheet
388Kb / 20P
DMOS Microstepping Driver with Translator And Overcurrent Protection
More results

Similar Description - A4988

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3983 ALLEGRO-A3983 Datasheet
329Kb / 13P
DMOS Microstepping Driver with Translator
A3987 ALLEGRO-A3987 Datasheet
450Kb / 13P
DMOS Microstepping Driver with Translator
A4982 ALLEGRO-A4982 Datasheet
530Kb / 19P
DMOS Microstepping Driver with Translator and Overcurrent Protection
A4984 ALLEGRO-A4984 Datasheet
425Kb / 21P
DMOS Microstepping Driver with Translator and Overcurrent Protection
A4985 ALLEGRO-A4985 Datasheet
424Kb / 21P
DMOS Microstepping Driver with Translator and Overcurrent Protection
A4984 ALLEGRO-A4984_12 Datasheet
451Kb / 22P
DMOS Microstepping Driver with Translator And Overcurrent Protection
A4985 ALLEGRO-A4985_12 Datasheet
449Kb / 22P
DMOS Microstepping Driver with Translator And Overcurrent Protection
A4982_V4 ALLEGRO-A4982_V4 Datasheet
480Kb / 20P
DMOS Microstepping Driver with Translator And Overcurrent Protection
A4988_V4 ALLEGRO-A4988_V4 Datasheet
388Kb / 20P
DMOS Microstepping Driver with Translator And Overcurrent Protection
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
DMOS Microstepping Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com