Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD64001H Datasheet(PDF) 7 Page - Microsemi Corporation

Part # PD64001H
Description  1-Port PoE Manager
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD64001H Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button PD64001H Datasheet HTML 3Page - Microsemi Corporation PD64001H Datasheet HTML 4Page - Microsemi Corporation PD64001H Datasheet HTML 5Page - Microsemi Corporation PD64001H Datasheet HTML 6Page - Microsemi Corporation PD64001H Datasheet HTML 7Page - Microsemi Corporation PD64001H Datasheet HTML 8Page - Microsemi Corporation PD64001H Datasheet HTML 9Page - Microsemi Corporation PD64001H Datasheet HTML 10Page - Microsemi Corporation PD64001H Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
P
PD
D6644000011//H
H 11--P
Poorrtt P
PooE
E M
Maannaaggeerr D
Daattaasshheeeett
C
C O
O M
M P
P A
A N
N Y
Y
C
C O
O N
N F
F II D
D E
E N
N T
T II A
A L
L
Copyright © 2009
Microsemi
Rev. 1.3 2009-02-23
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Phone (USA): (800) 713-4113, (ROW): (949) 221-7100 Fax: (949) 756-0308
7
PD Operating Status
LED1
LED2
IEEE802.3af – ON
ON
OFF
IEEE802.3at – ON
ON
ON
IEEE802.3af -
OVL/SC
Blink at 1Hz
OFF
IEEE802.3at -
OVL/SC
Blink at 1Hz
Blink at 1Hz
Vmain out of range
Blink at 4Hz
OFF
Layout Design Guidelines
(See Figure 3 for layout example)
Isolation & Termination – as specified in the IEEE
standard, certain isolation requirements need to be
met in all PoE equipment. In addition, EMI limitations
should be considered, according to FCC and
European EN regulations.
These requirements are taken into account by PoE
switch vendors, while designing the switch circuitry.
However, when a PoE device is integrated into a
switch, special design considerations must be taken
into account, due to the unique combination of Data
and Power circuitries.
The next paragraphs define these requirements and
provide recommendations for their implementation,
so as to assist designers in meeting those
requirements and in integrating PoE Chipset.
Isolation - As specified in the IEEE standard,
1500Vac rms isolation is required between the main
board circuitry of the switch, including protective and
frame ground and the PoE circuitry.
Isolating the Stacked Modular Jack Assembly
The IEEE standard requires 1500 Vrms isolation
between PoE voltages and frame ground (EGND).
Note that RJ-45 jack assemblies may have a metal
cover that reach almost to the PCB surface.
Proper traces clearance (at least 80 mils) are to be
maintained between EGND traces for the RJ-45
modular jack assembly metal covering and adjacent
circuit paths and components.
To prevent 1500 Vrms isolation violation, it is
necessary to provide layout clearances of PoE
traces, on the top layer, in the vicinity of the RJ-45
connector assemblies.
PoE Output Ports’ Filtering and Terminations: A
switch normally creates a noisy environment. In
order to meet the EMI requirements, good filtering
and line terminations may be needed when
connecting the PoE circuit outputs to the switch
circuitry (see Figure 1). Note that in most PoE
systems, it is recommended to use 0 Ohms resistors
for R100 and R101. However, certain systems may
benefit from the 75Ohm value. It is recommended
that filtering provisions are utilized.
A circuitry for the recommended filter includes:
A common mode choke for conducted EMI
performances
Output differential capacitor filter for
radiated EMI performances
Y-capacitive/resistive network to chassis
Since each system is a unique EMI case, this circuit
is a good starting point for EMI suppression.
Out (+)
Out(-)
Port_ Pos
Port_ N eg
R100
R 10 1
C 100
C101
L100
C102
C103
Figure 1: Recommended EMI Filter
Note For best EMI performance and to avoid additional
noise accumulated on the lines between the filter
and the port connectors, it is recommended to
assemble this circuitry as close as possible to the
port connectors.
PoE circuitry Trace Clearance - PoE technology
involves voltages as high as 57VDC. Thus, plan
adjacent traces for 100V operational creepage.
Operational creepage should be maintained to
prevent breakdown between traces carrying these
potentials.
Locating PoE Circuitry in a Switch - Placement of the
PoE circuitry must be as close as possible to the


Similar Part No. - PD64001H

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD64001 MICROSEMI-PD64001 Datasheet
510Kb / 9P
   1-Port PoE Manager
More results

Similar Description - PD64001H

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD64001 MICROSEMI-PD64001 Datasheet
510Kb / 9P
   1-Port PoE Manager
logo
Microchip Technology
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
   1-Port PSE PoE Manager
2021
logo
Microsemi Corporation
PD64012G MICROSEMI-PD64012G Datasheet
55Kb / 1P
   12-PORT PoE PSE MANAGER
logo
List of Unclassifed Man...
PD64004A ETC2-PD64004A Datasheet
156Kb / 1P
   4-port PoE PSE Manager
logo
Microchip Technology
PD69208T4 MICROCHIP-PD69208T4 Datasheet
1Mb / 35P
   PoE PSE Manager
2020
PD39208 MICROCHIP-PD39208 Datasheet
1Mb / 34P
   PoE PSE Manager
2020
logo
List of Unclassifed Man...
PD64012 ETC-PD64012 Datasheet
496Kb / 16P
   12-channel PoE Manager
logo
Microsemi Corporation
PD69108 MICROSEMI-PD69108 Datasheet
898Kb / 17P
   8 PORTS PSE POE MANAGER
logo
Microchip Technology
PD69101 MICROCHIP-PD69101 Datasheet
989Kb / 30P
   1-Port PSE PoE Controller Datasheet
logo
Level One
FCS-7111 LVL1-FCS-7111 Datasheet
172Kb / 3P
   1-Port H.264 PoE Video Server
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com